Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA35S280-DI Datasheet(PDF) 7 Page - Kasin Electronics Corporation

Part # KA35S280-DI
Description  Lead-Acid Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DI Datasheet(HTML) 7 Page - Kasin Electronics Corporation

Back Button KA35S280-DI Datasheet HTML 3Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 4Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 5Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 6Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 7Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 8Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 9Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 10Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 11Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
7
- Charge algorithms
- 3-Step voltage charge
This algorithm consists of four phases (figure 4):
1.
Phase1 - Qualification: The charging current is limited at ICOND (=IMAX/5) until the cell
voltage rises to VTH to prevent battery damage. In this condition The KA35S28X enters
the Charge Pending state and waits until the battery voltage rises to VTH. Charge
Pending is annunciated by LED0 and LED3 flashing.
2.
Phase2 - Fast Charge 1: The charging current is limited at IMAX (1.25 IMAX when faster
pin is 0) until the cell voltage rises to VBLK.
3.
Phase3 - Fast Charge 2: The charging voltage is regulated at VBLK until the charging
current drops below IMIN ( 0.1IMAX)
4.
Phase4 - Maintenance: The charging voltage is regulated at VFLT.
V
BLK
V
FLT
V
TH
Time
I
MAX
I
COND
I
MIN
I
FLT
Phase 1
Phase 2
Phase 3
Phase 4
Fast Charge
Maintenance
Voltage
Current
Figure 4
– 3-Step Voltage Charge
- Current charge
This algorithm consists of three phases (figure 5):
1.
Phase1 - Qualification: The charging current is limited at ICOND (=IMAX/5) until the cell
voltage rises to VTH to prevent battery damage. In this condition The KA35S28X enters
the Charge Pending state and waits until the battery voltage rises to VTH. Charge
Pending is annunciated by LED0 and LED3 flashing.
2.
Phase 2 - Fast Charge: The charging current is regulated at IMAX (1.25 IMAX when faster
pin is 0) until the cell voltage rises to VBLK or the “Second Difference” of cell voltage
drops below -8mV while VBAT is over 2.0V.
3.
Phase3 - Maintenance: Fixed-width pulses of charging current = ICOND are modulated in
frequency to achieve an average value of IMIN (0.1IMAX).
V
BLK
V
FLT
V
TH
Time
I
MAX
I
COND
I
MIN
I
FLT
Phase 1
Phase 2
Phase 3
Fast Charge
Maintenance
Voltage
Current
Figure 5
– Current Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com