Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA35S280-DI Datasheet(PDF) 4 Page - Kasin Electronics Corporation

Part # KA35S280-DI
Description  Lead-Acid Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DI Datasheet(HTML) 4 Page - Kasin Electronics Corporation

  KA35S280-DI Datasheet HTML 1Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 2Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 3Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 4Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 5Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 6Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 7Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 8Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 9Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
4
Functional diagram:
MUX
Temp.
compensation
MUX
1
I
SNS
2
V
BAT
0
1
I
Min
I
Cond
I
Max
I
Th
4
5
V
FLT
V
BLK
V
Min
V
Max
V
SS
A
B
Comp.
A>B
A=B
Osc.
6Hz
Counter
Up
Down
CNT
Clk
7
ADC
+
-
MUX
1
0
A
B
Comp.
A>B
90
10
En
SW
V
HTF
+
-
V
LTF
+
-
TEMP
I
Max
+
-
+
-
+
-
5mV
1
Phase
Controller
Unit
MS0
Cyc/Flt
Reset
But. Press
Source Select: 0- Current
1- Voltage
2
3
3
MS1
LED0
LED1
LED2
LED3
MUX
50mV
MUX
50mV
4
5
Ref. Gen.
V
DD
4
4
4
1
0
V
FLT
V
Min
V
Max
V
BLK
Faster Charge
KA35S28X Block Diagram
0
1
2
3
0
1
2
3
Temp.
compensation
Figure 2
– KA35S28X Block Diagram
Functional description:
The KA35S28X functional operation is described in terms of
:
 Pin configuration
o Mode selection pins
o Faster Charge pin
o Cyclic/Float use pin
 Fixed and Configurable Thresholds
 Charge algorithms
o 3-Step voltage charge
o Current charge
o Pulsed-current charge
 Temperature monitoring
o Temperature compensation
o Disabling Temperature Sensing
 Charge monitoring
 Fault detection
o Battery insertion and removal
o Shorted, opened, or damaged cells detections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com