Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA35S280-DI Datasheet(PDF) 12 Page - Kasin Electronics Corporation

Part # KA35S280-DI
Description  Lead-Acid Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DI Datasheet(HTML) 12 Page - Kasin Electronics Corporation

Back Button KA35S280-DI Datasheet HTML 8Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 9Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 10Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 11Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 12Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 13Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 14Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 15Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 16Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
12
Typical Application
Cyclic/Float
Faster
MS1
MS0
SW
V
DD
TEMP
6
5
4
3
2
1
7
I
BAT
V
BAT
V
SS
9
10
11
12
13
14
8
KA35S28X
LED0
LED1
LED2
LED3
RB
1
RB
2
BAT-
BAT+
R
SNS
+
7805
-
1N4007 (1A)
3300uF (50V)
1
KΩ
22
KΩ
33
KΩ
IRF9530
15 (7) - 30 V
12 (6) V
1N4007 (1A)
N
RB1 (KΩ)
RB2 (KΩ)
IMAX
RSNS (Ω)
3 (6V)
57KΩ
33KΩ
100mA
2
Ω
6 (12V)
147KΩ
33KΩ
300mA
0.66
Ω
12 (24V)
327KΩ
33KΩ
500mA
0.4
Ω
Figure 13
– Schematic Diagram of A Very Simple High Power 3-Step Voltage Lead-Acid
Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com