Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA35S280-DI Datasheet(PDF) 10 Page - Kasin Electronics Corporation

Part # KA35S280-DI
Description  Lead-Acid Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DI Datasheet(HTML) 10 Page - Kasin Electronics Corporation

Back Button KA35S280-DI Datasheet HTML 6Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 7Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 8Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 9Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 10Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 11Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 12Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 13Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 14Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
10
- Charge monitoring
Charge status (figure 10) is annunciated by the LED driver outputs LED1 - LED3 (figure 11)
Voltage Profile for
Lead-Acid Charging with
Constant Current Regulation
Previous Discharge Capacity Returned, %
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
0
25
50
75
100
125
150
Charge Rate = C/20
Figure 10 - Voltage Roll-Off In Constant Current Charging Profile
KA35S28X
LED0
R
LED0
R
LED1
R
LED2
R
LED3
LED1
LED2
LED3
Figure 11
– LED Display
- Fault detection
- Battery insertion and removal
The KA35S28X uses VBAT to detect the presence or absence of a battery. The KA35S28X
determines that a battery is present when VBAT is between the High-Voltage Cutoff and the
Low-Voltage Cutoff. When VBAT is outside this range, the KA35S28X determines that no
battery is present and transitions to the Fault state. Also, sudden changes in battery voltage
can cause the fault state.
- Shorted, opened, or damaged cells detections
The KA35S28X can be detect shorted, opened, and damaged cells by using one of the
following below state:
1.
High current detection
2.
Non-rechargeable batteries detection
3.
Changing in any of the buttons



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com