Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA35S280-DI Datasheet(PDF) 9 Page - Kasin Electronics Corporation

Part # KA35S280-DI
Description  Lead-Acid Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DI Datasheet(HTML) 9 Page - Kasin Electronics Corporation

Back Button KA35S280-DI Datasheet HTML 5Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 6Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 7Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 8Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 9Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 10Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 11Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 12Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 13Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
9
Table 7
– RT
1 and RT2 Values for Temperature Thresholds
LTF (°C)
HTF (°C)
RT1
RT2
5 °C
45 °C
8.18KΩ
15.22KΩ
0 °C
50 °C
7.50KΩ
11.25KΩ
-5 °C
55 °C
6.85KΩ
8.72KΩ
.
= 0.35V
CC
V
LTF
= 0.15V
CC
V
HTF
= 0.12V
CC
V
TCO
LTF
HTF
TCO
Hotter
Colder
V
CC
V
SS
Figure 7
– Voltage Equivalent of Temperature Threshold
VCC
RT1
RT2
NTC
Thermistor
TEMP
KA35S28X
Figure 8
– Configuring Temperature Sensing
- Disabling Temperature Sensing
Temperature sensing may be disabled by removing the thermistor and use a single Pull up
or Pull down resistor connected to TEMP pin as shown in figure 9.
Or
RPD
TEMP
KA35S28X
RPU
VCC
TEMP
KA35S28X
Figure 9
– Disabling Temperature Sensing
where:
RPU = Pull up resistor (Can be select 1KΩ)
RPD = Pull down resistor (Can be select 1KΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com