Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA35S280-DI Datasheet(PDF) 18 Page - Kasin Electronics Corporation

Part # KA35S280-DI
Description  Lead-Acid Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DI Datasheet(HTML) 18 Page - Kasin Electronics Corporation

Back Button KA35S280-DI Datasheet HTML 11Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 12Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 13Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 14Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 15Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 16Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 17Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 18Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 19Page - Kasin Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
18
DATA SHEET STATUS
LEVEL
DATA SHEET
STATUS
(1)
PRODUCT
STATUS
(2)(3)
DEFINITION
І
Objective data
Development
This data sheet contains data from the objective
specification for product development. Kasin
Corporation reserves the right to change the
specification in any manner without notice.
ІІ
Preliminary
data
Qualification
This data sheet contains data from the preliminary
specification Supplementary data will be published at
a later date. Kasin Corporation reserves the right to
change the specification without notice, in order to
improve the design and supply the best possible
product.
ІІІ
Product data
Production
This data sheet contains data from the product
specification. Kasin Corporation reserves the right to
make changes at any time in order to improve the
design, manufacturing and supply. Relevant changes
will be communicated via a Customer
Product/Process Change Notification (CPCN).
Notes
1.
Please consult the most recently issued data sheet before initiating or completing a design
.
2.
The product status of the device(s) described in this data sheet may have changed since
this data sheet was published. The latest information is available on the Internet at URL
http://www.kasincorp.com
.
3.
For data sheets describing multiple type numbers, the highest-level product status
determines the data sheet status.
DEFINITIONS
Short-form specification - The data in a short-form specification is extracted from a full data-
sheet with the same type number and title. For detailed information see the relevant data sheet or
data handbook.
Limiting values definition - Limiting values given are in accordance with the Absolute Maximum
Rating System (IEC 60134). Stress above one or more of the limiting values may cause
permanent damage to the device. These are stress ratings only and operation of the device at
these or at any other conditions above those given in the Characteristics sections of the
specification is not implied. Exposure to limiting values for extended periods may affect device
reliability.
Application information - Applications that are described herein for any of these products are for
illustrative purposes only. Kasin Corporation make no representation or warranty that such
applications will be suitable for the specified use without further testing or modification.
DISCLAIMERS
Life support applications - These products are not designed for use in life support appliances,
devices, or systems where malfunction of these products can reasonably be expected to result in
personal injury. Kasin Corporation customers using or selling these products for use in such
applications do so at their own risk and agree to fully indemnify Kasin Corporation for any
damages resulting from such application.
Right to make changes - Kasin Corporation reserves the right to make changes in the products
including circuits, standard cells, and/or software described or contained herein in order to improve
design and/or performance. When the product is in full production (status ‘Production’), relevant
changes will be communicated via a Customer Product/Process Change Notification (CPCN).
Kasin Corporation assumes no responsibility or liability for the use of any of these products,
conveys no licence or title under any patent, copyright, or mask work right to these products, and
makes no representations or warranties that these products are free from patent, copyright, or
mask work right infringement, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com