Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA35S280-DI Datasheet(PDF) 17 Page - Kasin Electronics Corporation

Part # KA35S280-DI
Description  Lead-Acid Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DI Datasheet(HTML) 17 Page - Kasin Electronics Corporation

Back Button KA35S280-DI Datasheet HTML 11Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 12Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 13Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 14Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 15Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 16Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 17Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 18Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 19Page - Kasin Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
17
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
M
14
Z
Pin 1 index
1
e
7
bp
w M
8
y
D
c
HE
E
A
X
A
v
A2
A1
(A )
3
Q
A
θ
Lp
L
Detail X
0
2.5
scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Unit
A
max.
A1
A2
A3
bp
c
D
(1)
E
(1)
e
HE
L
Lp
Q
v
w
y
Z
(1)
max.
θ
mm
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
1.05
1.0
0.4
0.7
0.6
0.25
0.25
0.1
0.7
0.3
8°
0°
inches
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.010
0.007
0.35
0.34
0.16
0.15
0.05
0.244
0.228
0.041
0.039
0.016
0.028
0.024
0.01
0.01
0.004
0.028
0.012
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
Figure 17 - Package outline SOT108-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com