Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA35S280-DI Datasheet(PDF) 15 Page - Kasin Electronics Corporation

Part # KA35S280-DI
Description  Lead-Acid Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DI Datasheet(HTML) 15 Page - Kasin Electronics Corporation

Back Button KA35S280-DI Datasheet HTML 11Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 12Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 13Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 14Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 15Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 16Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 17Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 18Page - Kasin Electronics Corporation KA35S280-DI Datasheet HTML 19Page - Kasin Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
15
Absolute Maximum Ratings:
Table 8
– Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
Note
VDD
VCC relative to VSS
-0.3
6.5
V
VT
DC voltage applied on any pin
excluding VDD relative to VSS
-0.3
6.5
V
TOPR
Operating ambient temperature
-20 (-40
*)
+85 (+125
*)
°C
TSTG
Storage temperature
-55
+125 (+150
*)
°C
TSOLDER
Soldering temperature
---
+260
°C
10 s. max.
*- In KA35S28X-XI series.
DC Thresholds:
Table 9
– Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Tolerance
Note
VREF
Internal reference voltage
2.00
V
1%
TA=25°C
Temperature coefficient
-3.9
mV/°C
10%
VLTF
TEMP maximum threshold
0.35*VDD
V
±0.02V
VHTF
TEMP hysteresis threshold
0.15*VDD
V
±0.02V
VTCO
TEMP minimum threshold
0.12*VDD
V
±0.02V
VMAX
High cutoff voltage
0.6*VDD
V
±0.02V
VMIN
Under-voltage threshold at BAT
0.2*VDD
V
±0.02V
VTH
Low cutoff voltage
0.34*VDD
V
±0.02V
VSNS
Current sense at SNS
0.200
V
10%
IMAX
0.040
V
10%
ICond
Recommended operating conditions:
Table 10
– Absolute Maximum Ratings
Symbol
Parameter
KA35S28X-XN
KA35S28X-XI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
VDD
Supply voltage
4.5
5.0
5.5
4.5
5.0
5.5
V
VTEMP
TEMP voltage
potential
0
-
VDD
0
-
VDD
V
VBAT
Battery voltage
potential
0
-
VDD
0
-
VDD
V
ICC
Supply current
-
3
5
-
3
5
V
VIH
Logic input high
VDD-0.6
-
-
VDD-0.6
-
-
V
VIL
Logic input low
-
-
VSS+0.3
-
-
VSS+0.3
V
VOH
LEDX output high
VDD-0.7
-
-
VDD-0.7
-
-
V
VOL
LEDX output low
-
-
VSS+0.5
-
-
VSS+0.5
V
IOH
LEDX output source
-15
-
-
-15
-
-
mA
IOL
LEDX output sink
15
-
-
15
-
-
mA
IIL
logic input low source
-
-
35
-
-
35
µA
IIH
logic input high
source
-
-
-40
-
-
-40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com