Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RF8AFP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F10RF8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8AFP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F10RF8AFP Datasheet HTML 29Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 30Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 31Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 32Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 33Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 34Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 35Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 36Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 33 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Real-time clock operation
0.02
RTC operating
current
IRTC
Notes 1, 2
fSUB = 32.768 kHz
Interval timer operation
0.02
μA
Watchdog timer
operating
current
IWDT
Notes 2, 3
fIL = 15 kHz
0.22
μA
Normal mode, AVREFP = VDD = 5.0 V
1.3
1.7
mA
A/D converter
operating
current
IADC
Note 4
Low voltage mode, AVREFP = VDD = 3.0 V
0.5
0.7
mA
Temperature
sensor
operating
current
ITMPS
75
μA
LVD operating
current
ILVI
Note 5
0.08
μA
BGO operating
current
IBGO
Note 6
2.50
12.20
mA
ILCD1
Notes 7, 8
External resistance
division method
LCD clock = 128 Hz
VDD = 5.0 V
T.B.D.
T.B.D.
μA
ILCD2
Note7
Internal voltage
boosting method
LCD clock = 128 Hz
VDD = 3.0 V
1.0
T.B.D.
μA
LCD operating
current
ILCD3
Note7
Capacitor split
method
LCD clock = 128 Hz
VDD = 3.0 V
0.12
T.B.D.
μA
Notes 1.
Current flowing only to the real-time clock (excluding the operating current of the XT1 oscillator).
The
TYP. value of the current value of the RL78/L12 is the sum of the TYP. values of either IDD1 or IDD2, and
IRTC, when the real-time clock operates in operation mode or HALT mode.
The IDD1 and IDD2 MAX.
values also include the real-time clock operating current.
However, IDD2 subsystem clock operation
includes the operational current of the real-time clock.
2.
When high-speed on-chip oscillator and high-speed system clock are stopped.
3.
Current flowing only to the watchdog timer (including the operating current of the low-speed on-chip
oscillator).
The current value of the RL78/L12 is the sum of IDD1, IDD2 or IDD3 and IWDT when fCLK = fSUB
when the watchdog timer operates in STOP mode.
4.
Current flowing only to the A/D converter.
The current value of the RL78/L12 is the sum of IDD1 or IDD2
and IADC when the A/D converter operates in an operation mode or the HALT mode.
5.
Current flowing only to the LVD circuit.
The current value of the RL78/L12 is the sum of IDD1, IDD2 or
IDD3 and ILVI when the LVD circuit operates in the Operating, HALT or STOP mode.
6.
Current flowing only when the BGO operates.
The current value of the RL78/L12 is the sum of IDD1 or
IDD2 and IBGO when the BGO operates in an operation mode.
7.
Current flowing only to the LCD controller/driver (VDD pin).
The current value of the RL78/L12
microcontrollers is the sum of the LCD operating current (ILCD1
, ILCD2 or ILCD3) to the supply current (IDD1,
or IDD2) when the LCD controller/driver operates in an operation mode or HALT mode. Not including the
current that flows through the LCD panel.
8.
Not including the current that flows through the LCD divider resistor.
Remarks 1. fIL:
Low-speed on-chip oscillator clock frequency
2. fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
3. fCLK: CPU/peripheral hardware clock frequency
4. Temperature condition of the TYP. value is TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com