Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RF8AFP Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F10RF8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8AFP Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F10RF8AFP Datasheet HTML 36Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 37Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 38Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 39Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 40Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 41Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 42Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 43Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 40 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(4) Communication at different potential (2.5 V, 3 V) (UART mode) (dedicated baud rate generator output) (1/2)
(TA =
−40 to +85°C, 1.8 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
fMCK/6
Note 1
bps
4.0 V
≤ EVDD ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
Theoretical value of the
maximum transfer rate
fCLK = 24 MHz, fMCK = fCLK
4.0
Mbps
fMCK/6
Note 1
bps
2.7 V
≤ EVDD < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
Theoretical value of the
maximum transfer rate
fCLK = 24 MHz, fMCK = fCLK
4.0
Mbps
fMCK/6
Notes 1 to 3
bps
Transfer rate
reception
1.8 V
≤ EVDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V
Theoretical value of the
maximum transfer rate
fCLK = 8 MHz, fMCK = fCLK
1.3
Mbps
Notes 1. Transfer rate in the SNOOZE mode : MAX. 9600 bps, MIN. 4800 bps
2. Use it with EVDD
≥Vb.
3. The following conditions are required for low voltage interface when EVDD<VDD.
2.4 V
≤ EVDD < 2.7 V : MAX. 2.6 Mbps
1.8 V
≤ EVDD < 2.4 V : MAX. 1.3 Mbps
1.6 V
≤ EVDD < 1.8 V : MAX. 0.6 Mbps
Caution
Select the TTL input buffer for the RxDq pin and the N-ch open drain output (VDD tolerance) mode
for the TxDq pin by using port input mode register g (PIMg) and port output mode register g
(POMg).
Remarks 1.
Vb[V]: Communication line voltage
2.
q: UART number (q = 0), g: PIM and POM number (g = 1)
3. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00, 01)
4. VIH and VIL below are observation points for the AC characteristics of the serial array unit when
communicating at different potentials in UART mode.
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V: VIH = 2.2 V, VIL = 0.8 V
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V: VIH = 2.0 V, VIL = 0.5 V
1.8 V
≤ EVDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V: VIH = 1.50 V, VIL = 0.32 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com