Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RF8AFP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F10RF8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8AFP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F10RF8AFP Datasheet HTML 23Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 24Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 25Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 26Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 27Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 28Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 29Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 30Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 27 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
4.0 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
2.7 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
1.8 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
VOH1
P10 to P17, P30 to P32, P40 to P43,
P50 to P54, P70 to P74, P120,
P125 to P127, P130, P140 to P147
1.6 V
≤ EVDD < 5.5 V,
T.B.D.
T.B.D.
V
Output voltage,
high
VOH2
P20, P21
1.6 V
≤ VDD ≤ 5.5 V,
T.B.D.
T.B.D
V
4.0 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
4.0 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
2.7 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
2.7 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
1.8 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
VOL1
P10 to P17, P30 to P32, P40 to P43,
P50 to P54, P70 to P74, P120,
P125 to P127, P130, P140 to P147
1.6 V
≤ EVDD < 5.5 V,
T.B.D.
T.B.D.
V
VOL2
P20, P21
1.6 V
≤ VDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
4.0 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
4.0 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
2.7 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
1.8 V
≤ EVDD ≤ 5.5 V,
T.B.D.
T.B.D.
V
Output voltage,
low
VOL3
P60, P61
1.6 V
≤ EVDD < 5.5 V,
T.B.D.
T.B.D.
V
Caution
P10, P12, P15, P17 do not output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com