Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RF8AFP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F10RF8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8AFP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F10RF8AFP Datasheet HTML 20Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 21Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 22Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 23Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 24Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 25Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 26Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 27Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 24 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
2.3 DC Characteristics
2.3.1 Pin characteristics
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Per pin for P10 to P17, P30 to P32, P40 to P43, P50 to P54,
P70 to P74, P120, P125 to P127, P130, P140 to P147
−10.0
Note 3
mA
4.0 V
≤ EVDD ≤ 5.5 V
−40.0
mA
2.7 V
≤ EVDD < 4.0 V
−8.0
mA
1.8 V
≤ EVDD < 2.7 V
−4.0
mA
Total of P10 to P14, P40 to P43, P120,
P130, P140 to P147
(When duty = 70%
Note 2)
1.6 V
≤ EVDD < 1.8 V
−2.0
mA
4.0 V
≤ EVDD ≤ 5.5 V
−60.0
mA
2.7 V
≤ EVDD < 4.0 V
−15.0
mA
1.8 V
≤ EVDD < 2.7 V
−8.0
mA
Total of P15 to P17, P30 to P32,
P50 to P54, P70 to P74, P125 to P127
(When duty = 70%
Note 2)
1.6 V
≤ EVDD < 1.8 V
−4.0
mA
IOH1
Total of all pins
(When duty = 70%
Note 2)
−100.0
mA
Per pin
−0.1 Note 3
mA
Output current,
high
Note 1
IOH2
P20, P21
Total of all pins
(When duty = 70%
Note 2)
1.6 V
≤ VDD ≤ 5.5 V
−1.5
mA
Notes 1.
Value of current at which the device operation is guaranteed even if the current flows from the EVDD
pin to an output pin.
2.
Specification under conditions where the duty factor is 70%.
The output current value that has changed the duty ratio can be calculated with the following
expression (when changing the duty factor from 70% to n%).
• Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example> Where n = 50% and IOH =
−10.0 mA
Total output current of pins = (
−10.0 × 0.7)/(50 × 0.01) = −14.0 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
A current higher than the absolute maximum rating must not flow into one pin.
3.
Do not exceed the total current value.
Caution
P10, P12, P15, P17 do not output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com