Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RF8AFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F10RF8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8AFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F10RF8AFP Datasheet HTML 7Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 8Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 9Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 10Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 11Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 12Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 13Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 14Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
RL78/L12
1. OUTLINE
Page 11 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
1.5.2 44-pin products
ch2
ch3
ch0
ch1
ch4
ch5
ch6
ch7
PORT 2
P20, P21
2
PORT 3
P30 to P32
3
PORT 1
P10 to P17
8
PORT 4
P40
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
SYSTEM
CONTROL
RESET
X1/P121
X2/EXCLK/P122
HIGH-SPEED
ON-CHIP
OSCILLATOR
ON-CHIP DEBUG
TOOL0/P40
SERIAL ARRAY
UNIT0 (2ch)
UART0
RxD0/P11
TxD0/P12
TIMER ARRAY
UNIT0 (8ch)
TI02/TO02/P17
(TI02/TO02/P12)
TI03/TO03/P32
2
INTP0/P137
INTP3/P31,
INTP4/P32
INTP1/P15(INTP1/P10),
INTP2/P16(INTP2/P11)
CSI01
SCK01/P15
SO01/P17
SI01/P16
BCD
ADJUSTMENT
SCK00/P10
SO00/P12
SI00/P11
CSI00
VSS
TOOLRxD/P11,
TOOLTxD/P12
VDD
SCLA0/P60
SERIAL
INTERFACE IICA0
SDAA0/P61
2
MULTIPLIER&
DIVIDER,
MULITIPLY-
ACCUMULATOR
XT1/P123
XT2/EXCLKS/P124
KEY RETURN
3
KR0/P12 to KR2/P10
DIRECT MEMORY
ACCESS CONTROL
PORT 6
P60, P61
2
BUZZER OUTPUT
PCLBUZ0/P140,
PCLBUZ1/P141
CLOCK OUTPUT
CONTROL
2
TI01/TO01/P30
A/D CONVERTER
2
ANI0/P20, ANI1/P21
AVREFP/P20
AVREFM/P21
2
ANI20/P142, ANI21/P143
3
ANI17/P120, ANI18/P13,
ANI19/P14
PORT 13
P137
PORT 14
P140 to P143
4
WINDOW
WATCHDOG
TIMER
LOW-SPEED
ON-CHIP
OSCILLATOR
RTC1HZ/P31
REAL-TIME
CLOCK
RL78
CPU
CORE
CODE FLASH MEMORY
DATA FLASH MEMORY
INTERVAL
TIMER
PORT 12
P121 to P124
4
P120, P125 to P127
4
LCD
CONTROLLER/
DRIVER
COM0 to COM7, COMEXP
22
SEG0 to SEG6,
SEG17 to SEG21,
SEG25 to SEG34
9
VL1 to VL4
CAPH
CAPL
RAM SPACE
FOR LCD DATA
TI07/TO07/P10
KR3/P140
TO00/P140
TI00/P141
Remark
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com