Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RF8AFP Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # R5F10RF8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8AFP Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button R5F10RF8AFP Datasheet HTML 62Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 63Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 64Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 65Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 66Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 67Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 68Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 69Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 66 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
2.10 Timing Specs for Switching Modes
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
How long from when a pin reset
ends until the initial communication
settings are specified
tSUINIT
POR and LVD reset must end before the pin
reset ends.
100
ms
How long from when the TOOL0
pin is placed at the low level until a
pin reset ends
tSU
POR and LVD reset must end before the pin
reset ends.
10
μ s
How long the TOOL0 pin must be
kept at the low level after a reset
ends
tHD
POR and LVD reset must end before the pin
reset ends.
1
ms
<1>
<2>
<3>
RESET
TOOL0
tSUINIT
tHD+
software
processing
time
<4>
tSU
<1>
The low level is input to the TOOL0 pin.
<2>
The pins reset ends (POR and LVD reset must end before the pin reset ends.).
<3>
The TOOL0 pin is set to the high level.
<4>
Setting of the flash memory programming mode by UART reception and complete
the baud rate setting.
Remark tSUINIT: The segment shows that it is necessary to finish specifying the initial communication settings within
100 ms from when the external and internal resets end.
tSU:
How long from when the TOOL0 pin is placed at the low level until a pin reset ends
tHD:
How long to keep the TOOL0 pin at the low level from when the external and internal resets end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com