Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RF8AFP Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R5F10RF8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8AFP Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R5F10RF8AFP Datasheet HTML 57Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 58Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 59Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 60Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 61Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 62Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 63Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 64Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 61 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
2.7 LCD Characteristics
2.7.1 Resistance division method
(1) Static display mode
(TA =
−40 to +85°C, VL4 (MIN.) ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
LCD drive voltage
VL4
2.0
VDD
V
LCD output resistor
Note
(Common)
RODC
IO =
±5
μA
40
k
Ω
LCD output resistor
Note
(Segment)
ROCS
IO =
±1
μA
200
k
Ω
(2) 1/2 bias method, 1/4 bias method
(TA =
−40 to +85°C, VL4 (MIN.) ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
LCD drive voltage
VL4
2.7
VDD
V
LCD output resistor
Note
(Common)
RODC
IO =
±5
μA
40
k
Ω
LCD output resistor
Note
(Segment)
ROCS
IO =
±1
μA
200
k
Ω
(3) 1/3 bias method
(TA =
−40 to +85°C, VL4 (MIN.) ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
LCD drive voltage
VL4
2.5
VDD
Note2
V
LCD output resistor
Note1
(Common)
RODC
IO =
±5
μA
40
k
Ω
LCD output resistor
Note1
(Segment)
ROCS
IO =
±1
μA
200
k
Ω
Notes 1. The output resistor is a resistor connected between one of the VL1, VL2, VL3, VL4 and VSS pins, and either
of the SEG and COM pins.
2. 5.5 V (MAX) when driving a memory-type liquid crystal (the MLCDEN bit of the MLCD register = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com