Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RF8AFP Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R5F10RF8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8AFP Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R5F10RF8AFP Datasheet HTML 33Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 34Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 35Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 36Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 37Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 38Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 39Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 40Page - Renesas Technology Corp R5F10RF8AFP Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 37 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(2) During communication at same potential (CSI mode) (master mode (fMCK/2, fMCK/4), SCKp... internal
clock output)
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Notes 1. For CSI00, set a cycle of 2/fCLK or longer.
For other than CSI00, set a cycle of 4/fCLK or longer.
2. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
The SIp setup time becomes “to
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
The SIp hold time becomes “from
SCKp
↓” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
4. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
The delay time to SOp output
becomes “from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
5. C is the load capacitance of the SCKp and SOp output lines.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and
SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg).
Remarks 1.
p: CSI number (p = 00, 01), m: Unit number (m = 0), n: Channel number (n = 0, 1),
g: PIM and POM numbers (g = 1)
2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00, 01))
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.7 V
≤ EVDD ≤ 5.5 V
167
Note 1
ns
2.4 V
≤ EVDD ≤ 5.5 V
250
Note 1
ns
1.8 V
≤ EVDD ≤ 5.5 V
500
Note 1
ns
SCKp cycle time
tKCY1
1.6 V
≤ EVDD ≤ 5.5 V
1000
Note 1
ns
4.0 V
≤ EVDD ≤ 5.5 V
tKCY1/2
− 12
ns
2.7 V
≤ EVDD ≤ 5.5 V
tKCY1/2
− 18
ns
2.4 V
≤ EVDD ≤ 5.5 V
tKCY1/2
− 38
ns
1.8 V
≤ EVDD ≤ 5.5 V
tKCY1/2
− 50
ns
SCKp high-/low-level width
tKH1,
tKL1
1.6 V
≤ EVDD ≤ 5.5 V
tKCY1/2
−
100
ns
4.0 V
≤ EVDD ≤ 5.5 V
44
ns
2.7 V
≤ EVDD ≤ 5.5 V
44
ns
2.4 V
≤ EVDD ≤ 5.5 V
75
ns
1.8 V
≤ EVDD ≤ 5.5 V
110
ns
SIp setup time (to SCKp
↑) Note 2
tSIK1
1.6 V
≤ EVDD ≤ 5.5 V
220
ns
SIp hold time (from SCKp
↑) Note 3
tKSI1
19
ns
Delay time from SCKp
↓ to
SOp output
Note 4
tKSO1
C = 30 pF
Note 5
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com