Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5336ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADL5336
Data Sheet
Rev. B | Page 4 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
f = 350 MHz
Noise Figure
VGA1, Gain Code 00, VGAIN = 1 V
8
dB
VGA2, Gain Code 11, VGAIN = 1 V
7.7
dB
Output IP3
VGA1, Gain Code 00, VGAIN = 1 V
12 (19)
dBV (dBm)
OutputVoltage Level of 1.0V p-p
VGA1, Gain Code 11, VGAIN = 1 V
10.5(17.5)
dBV (dBm)
VGA2, Gain Code 00, VGAIN = 1 V
18 (28)
dBV (dBm)
VGA2, Gain Code 11, VGAIN = 1 V
16 (26)
dBV (dBm)
Output P1dB
VGA1, Gain Code 00, VGAIN = 1 V
0 (7)
dBV (dBm)
VGA1, Gain Code 11, VGAIN = 1 V
0 (7)
dBV (dBm)
VGA2, Gain Code 00, VGAIN = 1 V
−1.5 (+8.5)
dBV (dBm)
VGA2, Gain Code 11, VGAIN = 1 V
−1.5 (+8.5)
dBV (dBm)
SQUARE LAW DETECTORS
DTO1, DTO2
Output Setpoint
SPI controlled, 3 dB steps
−24
−3
dBV
Output Range
0.1
VS/2
V
AGC Step Response Range
5 dB input step, CAGC = 0.1 µF
1.5
ms
DIGITAL LOGIC
LE, CLK, DATA, SDO
Input High Voltage, VINH
>2.2
V
Input Low Voltage, VINL
<1.8
V
Input Current, IINH/IINL
<1
µA
Input Capacitance, CIN
2
pF
SPI TIMING
LE, CLK, DATA, SDO
fCLK
20
MHz
tDH
DATA hold time
5
ns
tDS
DATA setup time
5
ns
tLH
LE hold time
5
ns
tLS
LE setup time
5
ns
tPW
CLK high pulse width
5
ns
tD
CLK-to-SDO delay
5
ns
POWER AND ENABLE
VPOS, VPSD, COM, COMD, ENBL
Supply Voltage Range
4.5
5
5.5
V
Total Supply Current
ENBL = 5 V
80
mA
Disable Current
ENBL = 0 V
4
mA
Disable Threshold
2.3
V
Enable Response Time
Delay following low-to-high transition until
device meets full specifications in VGA mode
800
ns
Disable Response Time
Delay following high-to-low transition until
device produces full attenuation in VGA mode
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com