Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADL5336
Data Sheet
Rev. B | Page 12 of 32
Figure 29. IMD3 vs. VGAIN over Frequency and Gain Code, VOUT = 1 V p-p
Composite, 2 MHz Spacing for VGA1
Figure 30. VGAIN Step Response (VGA Mode) over Gain Step, VIN = 100 mV p-p
for VGA1
Figure 31. Supply Current (VGA1 Switch Disabled) over Temperature
Figure 32. IMD3 vs. VGAIN over Frequency and Gain Code, VOUT = 1 V p-p
Composite, 2 MHz Spacing for VGA2
Figure 33. VGAIN Step Response (VGA Mode) over Gain Step, VIN = 100 mV p-p
for VGA2
Figure 34. Supply Current (VGA2 Switch Enabled) over Temperature
0
10
20
30
40
50
60
70
80
0
100
200
300
400
500
600
700
800
900
1000
GAIN1 (mV)
GAIN CODE 11, 140MHz
GAIN CODE 00, 140MHz
GAIN CODE 00, 350MHz
GAIN CODE 11, 350MHz
GAIN1
RF OUTPUT
TIME (100ns/DIV)
0
10
20
30
40
50
60
70
80
90
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
0
100
200
300
400
500
600
700
800
900
1000
GAIN2 (mV)
GAIN CODE 00, 140MHz
GAIN CODE 11, 140MHz
GAIN CODE 00, 350MHz
GAIN CODE 11, 350MHz
GAIN2
RF OUTPUT
TIME (100ns/DIV)
GAIN2
RF OUTPUT
0
5
10
15
20
25
30
35
40
45
50
–40
–20
0
20
40
60
80
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com