Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADL5336
Data Sheet
Rev. B | Page 16 of 32
Figure 53. VOUT vs. Input Power (PIN) over temperature for VGA1
Figure 54. Amplifier Isolation vs. Frequency; VGA1 Differential Input (IN1) to
VGA2 Differential Output (OUT2); VGA2 Differential Input A (IN2(a)) to VGA1
Differential Output (OUT1)
Figure 55. CMRR vs. Frequency for VGA1
Figure 56. VOUT vs. Input Power (PIN) over temperature for VGA2
Figure 57. VGA2 Input Switch Isolation vs. Frequency; VGA2 Disabled
Differential Input (IN2(a), IN2(b)) to VGA2 Differential Output (OUT2)
Figure 58. CMRR vs. Frequency for VGA2
0
0.05
0.10
0.15
0.20
0.25
0.30
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
PIN (dBm)
–40°C
+25°C
+85°C
–120
–100
–80
–60
–40
–20
0
10
100
FREQUENCY (MHz)
IN2(a) TO OUT1
IN1 TO OUT2
0
10
20
30
40
50
60
70
80
10M
100M
1G
FREQUENCY (Hz)
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
PIN (dBm)
–40°C
+25°C
+85°C
–60
–50
–40
–30
–20
–10
0
10
100
FREQUENCY (MHz)
IN2(a) TO OUT2
IN2(b) TO OUT2
0
10
20
30
40
50
60
10M
100M
1G
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com