Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADL5336
Data Sheet
Rev. B | Page 18 of 32
GAIN CONTROL INTERFACE
The ADL5336 has a linear-in-dB gain control interface that can
operate in either a gain-up mode or gain-down mode. In the
gain-up mode, with the MODE pin pulled high, the gain increases
with increasing gain voltages. In the gain-down mode, with the
MODE pin pulled low, the gain decreases with increasing gain
voltages. In both modes of operation, the gain control slope is
maintained at +37.5 dB/V or −38 dB/V (depending on mode
selection) over temperature, supply, and process as VGAIN varies
from 100 mV to 900 mV. To form an AGC loop with the on-board
detector around the VGA, the MODE pin has to be pulled low.
Each VGA has 24 dB of gain range that can be shifted as the
maximum gain is programmed.
The gain functions for MODE pulled high and low are given
respectively by
GainHIGH (dB) = 37.5 × VGAIN − 14
GainLOW (dB) = −38 × VGAIN + 24.8
where VGAIN is expressed in volts.
Figure 61. Gain and Conformance Error vs. VGAIN1/VGAIN2 for Gain Code 11, and
MODE = 0 V and MODE = 5 V for Both VGAs
INPUT AND OUTPUT IMPEDANCES
The ADL5336 offers differential broadband, 200 Ω input
impedance. The output of each VGA is a low impedance buffer
with negative feedback within the programmable gain amplifier.
The negative feedback reduces the output impedance at low
frequencies, but the output impedance increases with increasing
frequency above 300 MHz.
AGC OPERATION
The internally connected square law detectors are connected to
the outputs of the VGAs through a programmable attenuator.
The detector compares the output of the attenuator to an
internal reference of 63 mV rms. The AGC loop is closed by
connecting the DTO1/DTO2 pins to the GAIN1/GAIN2 pins,
and having the MODE pin pulled low, configuring the VGAs
for a negative gain slope.
If the attenuator is programmed to pass the full VGA output,
the AGC forces the output of the VGA to 63 mV rms, as long
as the gain required is within the gain range of the VGA. If the
attenuator is programmed to attenuate the VGA output by 21 dB
(Setpoint Word 111) and the AGC loop is closed, the AGC
function forces the VGA output to 707 mV rms. If the gain
required to achieve the programmed target output level is out of
the VGA range, the GAINx pin rails to either VPOS/2 or GND.
If the amplifier is operated in VGA mode or the detector is not
otherwise being used, the setpoint should be programmed to
maximum attenuation so that the VGA output does not overdrive
the input to the detector, adversely affecting both the detector
and VGA output.
Figure 62. RMS Detection Diagram (Shows the Signal Path from VGA1/VGA2
Output to Squarer Cell)
–4
–3
–2
–1
0
1
2
3
4
–15
–10
–5
0
5
10
15
20
25
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGAIN1/VGAIN2 (V)
VGA1 GAIN
VGA1 GAIN
VGA2 GAIN
VGA2 GAIN
VGA1 ERROR
VGA1 ERROR
VGA2 ERROR
VGA2 ERROR
X2
DTO1/
DTO2
GAIN1/
GAIN2
REF
63mV rms
+–
SPI
SETPOINT
CONTROL
CAGC
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com