Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5336ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Cascadable IF VGAs with
Programmable RMS Detectors
Data Sheet
ADL5336
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Pair of VGAs with rms AGC detectors
VGA and AGC modes of operation
Continuous gain control range: 48 dB
Noise figure (NF) = 6.8 dB at maximum gain
IMD3 > 62 dBc for 1.0 V p-p composite output
Differential input and output
Multiplexed inputs for VGA2
Programmable detector AGC setpoints
Programmable VGA maximum gain
Power-down feature
Single 5 V supply operation
APPLICATIONS
Point-to-multipoint radios
Instrumentation
Medical
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADL5336 consists of a pair of variable gain amplifiers
(VGAs) designed for cascaded IF applications. The amplifiers
have linear-in-dB gain control and operate from low frequencies to
1 GHz. Their excellent gain conformance over the control range
and flatness over frequency are due to Analog Devices, Inc.,
patented X-AMP® architecture, an innovative technique for
implementing high performance variable gain control.
Each VGA has 24 dB of gain control range. Their maximum gain
can be independently programmable over a 6 dB range via the
SPI. The VGAs can be cascaded to provide a total range of 48 dB.
When connected to a 50 Ω source through a 1:4 balun, the gain
is 6 dB higher. The second VGA has an SPI programmable input
switch that selects one of two external inputs.
When driven from a 200 Ω source or from a 50 Ω source through
a 1:4 balun, the noise figure (NF) for the composite amplifier is
6.8 dB at maximum gain. The output of each VGA can drive
100 Ω loads to 5 V p-p maximum.
Each VGA has an independent square law detector for autonomous,
automatic gain control (AGC) operation. Each detector setpoint
can be programmed independently through the SPI from −24 dBV
to −3 dBV in 3 dB steps. When both VGAs are arranged in AGC
mode and are programmed to the same setpoint, the composite NF
increases to 9 dB when backed off by 18 dB from maximum gain.
The ADL5336 operates from a 5 V supply and consumes a typical
supply current of 80 mA. When disabled, it consumes 4 mA. It is
fabricated in an advanced silicon-germanium BiCMOS process and
is available in a 32-lead exposed paddle LFCSP package. Performance
is specified over a −40°C to +85°C temperature range.
ADL5336
VCM1
VPOS
VPOS
COM
MODE
ENBL
INP1
INM1
VPOS
VPOS
COM
SDO
DATA
OPP2
VCM2
COM
OPM2
OPP1 OPM1 IP2A IM2A COM IP2B IM2B
GAIN1 DTO1 GAIN2 DTO2 COMD VPSD
LE
CLK
X2
X2
SPI
VGA1
VGA2


Similar Part No. - ADL5336ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5336ACPZ-R7 AD-ADL5336ACPZ-R7 Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
More results

Similar Description - ADL5336ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2306 MAXIM-MAX2306 Datasheet
295Kb / 20P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
MAX2310 MAXIM-MAX2310 Datasheet
342Kb / 22P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
Ultralow Noise VGAs with Preamplifier and Programmable RIN
4/06-Rev. D to Rev. E
logo
Maxim Integrated Produc...
MAX2310 MAXIM-MAX2310_07 Datasheet
251Kb / 22P
CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 2; 6/07
logo
Analog Devices
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
logo
Teledyne Technologies I...
GPDGPM TELEDYNE-GPDGPM Datasheet
280Kb / 24P
IF/RF Low Cost Cascadable
logo
Analog Devices
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
Dual Programmable Filters and VGAs
4/2017-Revision 0
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com