Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADL5336
Data Sheet
Rev. B | Page 10 of 32
Figure 17. OIP3 vs. Frequency over Temperature for VGA1
Figure 18. OP1dB vs. VGAIN over Gain Code for VGA1
Figure 19. OP1dB vs. Frequency over Temperature for VGA1
Figure 20. OIP3 vs. Frequency over Temperature for VGA2
Figure 21. OP1dB vs. VGAIN over Gain Code for VGA2
Figure 22. OP1dB vs. Frequency over Temperature for VGA2
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–7
–2
3
8
13
18
23
33
28
0
2
4
6
8
10
12
14
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
GAIN1 (V)
GAIN CODE 11
GAIN CODE 00
–7
–5
–3
–1
1
3
7
5
–5
–3
–1
1
3
5
7
9
11
13
15
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–12
–10
–8
–6
–4
–2
0
2
8
4
6
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–10
–5
0
5
10
15
20
30
35
40
25
0
2
4
6
8
10
12
14
16
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
GAIN2 (V)
GAIN CODE 11
GAIN CODE 00
–10
–8
–6
–4
–2
0
2
4
6
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–10
–8
–6
–4
–2
0
2
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com