Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADL5336
Data Sheet
Rev. B | Page 20 of 32
APPLICATIONS INFORMATION
BASIC CONNECTIONS
The basic connections for a typical ADL5336 application are
shown in Figure 63.
SUPPLY DECOUPLING
A nominal supply voltage of 5.0 V should be applied to the supply
pins. The supply voltage should be between the limits of 4.5 V
and 5.5 V. All of the supply pins must be decoupled to ground
with at least one low inductance, surface-mount ceramic capacitor
of 0.1 µF. Place these decoupling capacitors as close as possible
to the ADL5336 device. The ADL5336 has an analog supply and
a digital supply. Take care to separate the two supplies with a
large surface-mount inductor of 33 µH, and each supply must
then be decoupled separately to their respective grounds through a
10 µF capacitor. The ADL5336 also has two separate grounds: an
analog ground and a digital ground. Again, a large surface-mount
inductor of 33 µH should be used to separate the grounds.
INPUT SIGNAL PATH
The ADL5336 has three input signal paths, two of which inputs
go to VGA2 via an internal switch, and the other input goes to
VGA1. Each of the three pairs of input pins (INP1/INM1,
IP2A/IM2A, and IP2B/IM2B) has a differential input impedance of
200 Ω. To obtain maximum power transfer, the driving source
impedance also needs to be 200 Ω. On the evaluation board,
this is achieved via a 4:1 impedance ratio balun. The evaluation
board schematic is shown in Figure 70. For more information
on the input signal paths, refer to the Input Signal Path section.
The input common-mode voltage sits at roughly VPOS/2 for
both VGAs, except on VGA2; the nonselected input of VGA2
has an input common-mode voltage that sits at roughly ground.
OUTPUT SIGNAL PATH
There are two output signal paths on the ADL5336; one signal
path per VGA. The output of VGA1 can be ac-coupled into either
of the inputs of VGA2, which cascades the two VGAs, or ac-coupled
into a 200 Ω termination impedance. VGA1 is designed to drive a
200 Ω differential load, whereas VGA2 is designed to drive a 100 Ω
differential load. On the evaluation board, a 100 Ω differential
impedance is presented to the output of VGA2. This is achieve
via a 1:1 balun and a resistive matching network. For more
information on the evaluation board, see the evaluation board
schematic in Figure 70. The output common-mode voltage on
both VGAs sits at roughly VPOS/2.
Figure 63. Basic Connections Schematic
VPOS
DATA
VCM2
SDO
COM
OPM2
OPP2
VPOS
ENBL
INM1
VPOS
VPOS
ADL5336
MODE
INP1
COM
VCM1
+5V
+5V
INPUT 1
SPI CONTROL
VPOS
VPOS
+5V
+5V
OUTPUT 1
INPUT 3
OUTPUT 2
INPUT 2
OUTPUT 1
BALUN
INPUT 3
BALUN
OUTPUT 2
BALUN
INPUT 1
BALUN
INPUT 2
BALUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com