Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADL5336
Data Sheet
Rev. B | Page 14 of 32
Figure 41. S22 (re: 50 Ω) vs. VGAIN over Gain Code for VGA1
Figure 42. S22 (re: 200 Ω) Magnitude and Phase vs. VGAIN for VGA1
Figure 43. Series Output Resistance and Inductance vs.
Frequency over VGAIN for VGA1
Figure 44. S22 (re: 50 Ω) vs. VGAIN over Gain Code for VGA2
Figure 45. S22 (re: 100 Ω) Magnitude and Phase vs. VGAIN for VGA2
Figure 46. Series Output Resistance and Inductance vs.
Frequency over VGAIN for VGA2
10MHz
500MHz
3GHz
GAIN CODE 00
GAIN CODE 11
100
110
120
130
140
150
160
170
180
190
200
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
100
200
300
400
500
600
700
800
900
1000
GAIN1 (mV)
–1
1
0
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
10M
100M
FREQUENCY (Hz)
GAIN CODE 00
GAIN CODE 11
GAIN CODE 00
GAIN CODE 11
10MHz
500MHz
3GHz
GAIN CODE 00
GAIN CODE 11
80
90
100
110
120
130
140
150
160
170
180
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
200
400
600
800
1000
GAIN2 (mV)
1
0
–1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
40
10M
100M
FREQUENCY (Hz)
GAIN CODE 00
GAIN CODE 11
GAIN CODE 00
GAIN CODE 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com