Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1853ACPZ-R7
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1853ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADP1853
Rev. 0 | Page 7 of 28
SIMPLIFIED BLOCK DIAGRAM
Figure 2.
BST
PGND
+
+
+
+
FB
OV_TH
UV_TH
PGOOD
CURRENT SENSE
AMPLIFIER
DH
DL
ILIM
SW
VREF = 0.6V
+
+
ERROR
AMPLIFIER
FB
COMP
SS
PWM
COMPARATOR
SLOPE COMPENSATION
AND RAMP GENERATOR
CURRENT-LIMIT
CONTROL
RAMP
50µA
OV
+
TRK
CS GAIN
DRIVER LOGIC
CONTROL AND
STATE
MACHINE
OVER_LIM
PULSE SKIP
OVER_LIM
LDO
LOGIC
EN
VIN
UVLO
OSCILLATOR
FREQ
SYNC
REF
VCCO
OV
UV
0.6V
THERMAL
SHUTDOWN
AGND
CS
FAULT
OV
LOGIC
OVER_LIM
OV
EN
EN_SW
LOGIC
UV
3kΩ
0.9V
DCM
*0 (ZERO) GAIN IS FOR VOLTAGE MODE WITH RAMP FROM 0.7V TO 2.2V.
ZERO
CROSS
DETECT
12.5kΩ
AV = 0,* 3, 6, 12
VCCO
CLK
EN_SW
1MΩ
+
CLKOUT
VCCO
VCCO
VCCO
VCCO
SLAVE
SL_TH
FB
SLAVE
0.6V
6.5µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com