Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1853ACPZ-R7
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1853ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADP1853
Data Sheet
Rev. 0 | Page 20 of 28
There is also additional power loss during the time, known as
dead time, between the turn-off of the high-side switch and the
turn-on of the low-side switch, when the body diode of the low-
side MOSFET conducts the output current. The power loss in
the body diode is given by
O
SW
D
F
BODYDIODE
I
f
t
V
P
×
×
×
=
where:
VF is the forward voltage drop of the body diode, typically 0.7 V.
tD is the dead time in the ADP1853, typically 30 ns when
driving a medium size MOSFETs with input capacitance, Ciss,
of approximately 3 nF. The dead time is not fixed. Its effective
value varies with gate drive resistance and Ciss; therefore,
PBODYDIODE increases in high load current designs and low voltage
designs.
Then the power loss in the low-side MOSFET is
BODYDIODE
CLS
LS
P
P
P
+
=
Note that MOSFET on resistance, RDSON, increases with
increasing temperature with a typical temperature coefficient of
0.4%/oC. The MOSFET junction temperature (TJ) rise over the
ambient temperature is
TJ = TA + θJA × PD
where:
θJA is the thermal resistance of the MOSFET package.
TA is the ambient temperature.
PD is the total power dissipated in the MOSFET.
LOOP COMPENSATION—VOLTAGE MODE
Set the controller to voltage mode operation by placing a
100 kΩ resistor between DL and PGND. Chose the larger
possible ramp amplitude for the voltage mode below 1.5 V.
The ramp voltage is programmed by a resistor value between
VIN and the RAMP pin:
RAMP
SW
IN
RAMP
V
f
V
R
×
×
=
pF
100
V
2
.
0
The voltage at the RAMP pin is fixed at 0.2 V, and the current
going into RAMP should be between 10 µA and 160 µA. Make
sure that the following condition is satisfied:
μA
160
V
2
.
0
μA
10
RAMP
IN
R
V
(1)
For instance, with an input voltage of 12 V, RRAMP should not be
less than 73.8 kΩ.
Assuming that the LC filter design is complete, the feedback
control system can be compensated. In general, aluminum
electrolytic capacitors have high ESR; however, if several
aluminum electrolytic capacitors are connected in parallel and
produce a low effective ESR, then Type III compensation is
needed. In addition, ceramic capacitors have very low ESR (only
a few milliohms) making Type III compensation a better choice.
Type III Compensation
Figure 27. Type III Compensation
If the output capacitor ESR zero frequency is greater than ½ of
the crossover frequency, use the Type III compensator as shown
in Figure 27.
Calculate the output LC filter resonant frequency as follows:
LC
π
fLC
2
1
=
(2)
Chose a crossover frequency that is 1/10 of the switching
frequency:
10
SW
CO
f
f =
(3)
Set the poles and zeros as follows:
SW
P2
P1
f
f
f
2
1
=
=
(4)
I
Z
SW
CO
Z2
Z1
C
R
f
f
f
f
π
2
1
40
4
=
=
=
=
(5)
or
I
Z
LC
Z2
Z1
C
R
f
f
f
π
2
1
2
=
=
=
(6)
Use the lower zero frequency from Equation 5 or Equation 6.
Calculate the compensator resistor, RZ, as follows:
2
LC
IN
CO
Z1
RAMP
TOP
Z
f
V
f
f
V
R
R =
(7)
Next, calculate CI:
Z1
Z
I
f
R
C
π
=
2
1
(8)
Because of the finite output current drive of the error amplifier,
CI needs to be less than 10 nF. If it is larger than 10 nF, choose a
larger RTOP and recalculate RZ and CI until CI is less than 10 nF.
G
(dB)
PHASE
–90°
–270°
fZ
fP
CHF
CI
RZ
RFF
RTOP
RBOT
VOUT
INTERNAL
VREF
EA
FB
COMP
–1
SL
OPE
–1
SL
OPE
CFF
+1
SL
OPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com