Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1853ACPZ-R7
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1853ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP1853
Data Sheet
Rev. 0 | Page 24 of 28
As the master voltage rises, the slave voltage rises identically.
Eventually, the slave voltage reaches its regulation voltage,
where the internal reference takes over the regulation while
the TRK input continues to increase, thus removing itself from
influencing the output voltage.
To ensure that the output voltage accuracy is not compromised
by the TRK pin being too close in voltage to the reference volt-
age (VFB, typically 0.6 V), make sure that the final value of the
TRK voltage of the slave channel is at least 30 mV above VFB.
Ratiometric Tracking
Ratiometric tracking limits the output voltage to a fraction of
the master voltage, as illustrated in Figure 33 and Figure 34. The
final TRK voltage of the slave channel should be set to at least
30 mV below the FB voltage of the master channel. When the
TRK voltage of the slave channel drops to a level that is below
the minimum on time condition, the slave channel operates in
pulse skip mode while keeping the output regulated and tracked
to the master channel. In addition, when TRK or FB drops
below the PGOOD undervoltage threshold, the PGOOD signal
is tripped and becomes active low.
Figure 33. Ratiometric Tracking
Figure 34. Example of a Ratiometric Tracking Circuit
PCB LAYOUT GUIDLINES
The recommended board layout practices for the synchronous
buck controller are described in the AN-1119 Application Note.
MASTER VOLTAGE
SLAVE VOLTAGE
TIME
ADP1853
FB
SS
TRK
RBOT
10kΩ
RTOP
22.6k
Ω
0.55V
0.55V
3.3V
VOUT_MASTER
1.8V
VOUT_SLAVE
RTRKB
10kΩ
RTRKT
49.9kΩ
CSS
20nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com