Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1853ACPZ-R7
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1853ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADP1853
Rev. 0 | Page 15 of 28
SHORT-CIRCUIT AND CURRENT-LIMIT
PROTECTION
When the output is shorted or the output current exceeds the
current limit set by the current-limit setting resistor (between
ILIM and CS) for eight consecutive cycles, the ADP1853 shuts
off both the high-side and low-side drivers and restarts the soft
start sequence every 10 ms, which is known as hiccup mode.
The SS node discharges to zero through an internal 3 kΩ
resistor during an overcurrent or short-circuit event. Figure 22
shows that the ADP1853 on a high current application circuit
maintains current-limit hiccup mode when the output is
shorted.
Figure 22. Current-Limit Hiccup Mode, 20 A Current Limit
ENABLE/DISABLE CONTROL
The EN pin is used to enable or disable the controller ADP1853;
the precision enable typical threshold is 0.63 V. When the
voltage at EN rises above the threshold voltage, the controller is
enabled and starts normal operation after initialization of the
internal oscillator, references, settings, and the soft start period.
When the voltage at EN drops to typically 30 mV (hysteresis)
below the threshold voltage, the driver and the internal
controller circuits in the ADP1853 are turned off. The initial
settings are still valid; therefore re-enabling the controller does
not change the settings until the power at the VIN pin is cycled.
In addition, the EN signal does not shut down the LDO at
VCCO, which is always active when VIN is above the UVLO
threshold.
For the purpose of start-up power sequencing, the startup of the
ADP1853 can be programmed by connecting an appropriate
resistor divider from the master power supply to the EN pin, as
shown in Figure 23. For instance, if the desired start-up voltage
from the master power supply is 10 V, R1 and R2 can be set to
156 kΩ and 10 kΩ, respectively.
Figure 23. Optional Power-Up Sequencing Circuit
CH1 10V
M2ms
A CH1
11.2V
1
3
4
CH3 500mV
CH4 10A
SW
SS
INDUCTOR
CURRENT
ADP1853
FB
EN
RTOP
RBOT
VOUT
R1
R2
MASTER
SUPPLY
VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com