Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1853ACPZ-R7
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1853ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP1853
Data Sheet
Rev. 0 | Page 14 of 28
SYNCHRONOUS RECTIFIER AND DEAD TIME
In the ADP1853, the antishoot-through circuit monitors the
DH to SW and DL to PGND voltages and adjusts the low-side
and high-side drivers to ensure break-before-make switching
that prevents cross-conduction or shoot-through between
the high-side and low-side MOSFETs. This break-before-make
switching is known as dead time, which is not fixed and
depends on how fast the MOSFETs are turned on and off. In
a typical application circuit that uses medium sized MOSFETs
with an input capacitance of approximately 3 nF, the typical
dead time is approximately 25 ns. When small and fast
MOSFETs with fast diode recovery times are used, the dead
time can be as low as 13 ns.
INPUT UNDERVOLTAGE LOCKOUT
When the bias input voltage at the VIN pin is less than the
undervoltage lockout (UVLO) threshold of 2.6 V typical, the
switch drivers stay inactive. If EN is high, the controller starts
switching and the VIN pin voltage exceeds the UVLO
threshold.
INTERNAL LINEAR REGULATOR
The internal linear regulator is a low dropout (LDO) VCCO.
VCCO powers up the internal control circuitry and provides
power for the gate drivers. It is guaranteed to have more than
200 mA of output current capability, which is sufficient to
handle the gate driver requirements of typical logic threshold
MOSFETs driven at up to 1.5 MHz. VCCO is always active
and cannot be shut down by the EN signal; however, the over-
temperature protection event disables the LDO together with
the controller. Bypass VCCO to AGND with a 1 µF or greater
capacitor.
Because the LDO supplies the gate driver current, the output of
VCCO is subject to sharp transient currents as the drivers
switch and the boost capacitors recharge during each switching
cycle. The LDO has been optimized to handle these transients
without overload faults. Due to the gate drive loading, using the
VCCO output for other external auxiliary system loads is not
recommended.
The LDO includes a current limit that is well above the
expected maximum gate driver load. This current limit also
includes a short-circuit foldback to further limit the VCCO
current in the event of a short-circuit fault.
For an input voltage of less than 5.5 V, it is recommended to
bypass the LDO by connecting VIN to VCCO, as shown in
Figure 20, thus eliminating the dropout voltage. However, if
the input range is 4 V to 7 V, the LDO cannot be bypassed by
shorting VIN to VCCO because the 7 V input has exceeded the
maximum voltage rating of the VCCO pin. In this case, use the
LDO to drive the internal drivers, but keep in mind that there is
a dropout when VIN is less than 5 V.
Figure 20. Configuration for VIN < 5.5 V
OVERVOLAGE PROTECTION
The ADP1853 has a built-in circuit for detecting output over-
voltage at the FB node. When the FB voltage, VFB, rises above
the overvoltage threshold, the high-side N-channel MOSFET
(NMOSFET) is turned off, and the low-side NMOSFET is
turned on until the VFB drops below the undervoltage threshold.
This action is known as the crowbar overvoltage protection.
If the overvoltage condition is not removed, the controller
maintains the feedback voltage between the overvoltage and
undervoltage thresholds, and the output is regulated to within
typically +8% and −8% of the regulation voltage. During an
overvoltage event, the SS node discharges toward zero through
an internal 3 kΩ pull-down resistor. When the voltage at FB
drops below the undervoltage threshold, the soft start sequence
restarts. Figure 21 shows the overvoltage protection scheme in
action in PSM.
Figure 21. Overvoltage Protection in PSM
POWER GOOD
The PGOOD pin is an open-drain NMOSFET with an internal
12.5 kΩ pull-up resistor connected between PGOOD and
VCCO. PGOOD is internally pulled up to VCCO during
normal operation and is active low when tripped. When the
feedback voltage, VFB, rises above the overvoltage threshold
or drops below the undervoltage threshold, the PGOOD output
is pulled to ground after a delay of 12 µs. The overvoltage or
undervoltage condition must exist for more than 10 µs for
PGOOD to become active. The PGOOD output also becomes
active if a thermal overload condition is detected.
ADP1853
VIN
VIN = 2.75V TO 5.5V
VCCO
CH1 20V
CH2 5V
CH3 1V
CH4 10V
M100µs
A CH1
10V
1
2
4
3
DH
PGOOD
VOUT = 1.8V SHORTED TO 2V SOURCE
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com