Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1853ACPZ-R7
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1853ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP1853
Rev. 0 | Page 11 of 28
Figure 10. Synchronization and CLKOUT, fSYNC = 300 kHz
Figure 11. Dead Time vs. Temperature
Figure 12. Typical DH Minimum On Time and Off Time
Figure 13. Soft Start with Precharged Output, 3.3 VOUT Forced PWM
Figure 14. Dead Time vs. VIN
Figure 15. Driver Resistance vs. Temperature
CH3 10V
M 1.0µs 1.25GS/s
400ps/pt
A CH1
3.6V
1
2
3
CH1 5V
B
W
B
W
CH2 5V BW
CLKOUT
DH
SYNC
25
35
34
33
32
31
30
29
28
27
26
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VIN = 12V
OUTPUT IS LOADED
HS FET = BSC080N03LS
LS FET = BSC030N03LS
DEAD TIME BETWEEN SW FALLING EDGE
AND DL RISING EDGE, INCLUDING DIODE RECOVERY TIME
50
100
150
200
250
300
350
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
DH MINIMUM OFF TIME
DH MINIMUM ON TIME
VIN (V)
CH3 10V
M 2ms 250kS/s
4µs/pt
A CH1
560mV
1
2
3
CH1 2V
B
W
CH2 1V BW
B
W
EN
VOUT
SW
25
45
43
41
39
37
35
33
31
29
27
0
20
15
10
5
VIN (V)
TA = 25°C
OUTPUT IS LOADED
HS FET = BSC080N03LS
LS FET = BSC030N03LS
DEAD TIME BETWEEN SW FALLING EDGE
AND DL RISING EDGE, INCLUDING DIODE RECOVERY TIME
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–40
–15
10
35
60
85
110
135
TEMPERATURE (°C)
VIN = 2.75V, SOURCING
VIN = 12V, SOURCING
VIN = 2.75V, SINKING
VIN = 12V, SINKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com