Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1853ACPZ-R7
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1853ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP1853
Data Sheet
Rev. 0 | Page 18 of 28
VIN PIN FILTER
It is recommended to have a low-pass filter at the VIN pin.
Connecting a resistor, between 2 Ω and 10 Ω, in series with
VIN and a 1 µF ceramic capacitor between VIN and AGND
creates a low-pass filter that effectively filters out any unwanted
glitches caused by the switching regulator. Keep in mind that
the input current could be larger than 100 mA when driving
large MOSFETs. A 100 mA across a 10 Ω resistor creates a 1 V
drop, which is the same voltage drop in VCCO. In this case, a
lower resistor value is desirable.
Figure 26. Input Filter Configuration
BOOST CAPACITOR SELECTION
Connect a boost capacitor between the SW and BST pins to
provide the current for the high-side driver during switching.
Choose a ceramic capacitor with a value between 0.1 µF and
0.22 µF.
INDUCTOR SELECTION
For most applications, choose an inductor value such that
the inductor ripple current is between 20% and 40% of the
maximum dc output load current.
Choose the inductor value by the following equation:
IN
OUT
L
SW
OUT
IN
V
V
I
f
V
V
L
×
∆
×
−
=
where:
L is the inductor value.
fSW is the switching frequency.
VOUT is the output voltage.
VIN is the input voltage.
∆I
L is the peak-to-peak inductor ripple current.
Check the inductor data sheet to make sure that the saturation
current of the inductor is well above the peak inductor current
of a particular design.
OUTPUT CAPACITOR SELECTION
For maximum allowed switching ripple at the output, choose an
output capacitor that is larger than
)
)
4
(
(
1
8
2
2
2
2
ESL
SW
ESR
L
OUT
SW
L
OUT
L
f
R
I
V
f
I
C
×
−
×
∆
−
∆
×
∆
≅
where:
∆V
OUT is the target maximum output ripple voltage.
∆I
L is the inductor ripple current.
RESR is the equivalent series resistance of the output capacitor
(or the parallel combination of ESR of all output capacitors).
LESL is the equivalent series inductance of the output capacitor
(or the parallel combination of ESL of all capacitors).
The impedance of the output capacitor at the switching
frequency multiplied by the ripple current gives the output
voltage ripple. The impedance is made up of the capacitive
impedance plus the nonideal parasitic characteristics, the
equivalent series resistance (ESR), and the equivalent series
inductance (ESL).
Usually the capacitor impedance is dominated by ESR. The
maximum ESR rating of the capacitor, such as in electrolytic
or polymer capacitors, is provided in the manufacturer’s data
sheet; therefore, the output ripple reduces to
ESR
L
OUT
R
I
V
×
∆
≅
∆
Electrolytic capacitors also have significant ESL, on the order
of 5 nH to 20 nH, depending on type, size, and geometry. PCB
traces contribute some ESR and ESL, as well. However, using
the maximum ESR rating from the capacitor data sheet usually
provides some margin such that measuring the ESL may not be
required.
In the case of output capacitors where the impedance of the
ESR and ESL are small at the switching frequency, for instance,
where the output capacitor is a bank of parallel MLCC capaci-
tors, the capacitive impedance dominates, so the output
capacitance must be larger than
SW
OUT
L
OUT
f
V
I
C
×
∆
∆
≅
8
Make sure that the ripple current rating of the output capacitors
is greater than the maximum inductor ripple current.
To meet the requirement of the output voltage overshoot during
load release, the output capacitance should be larger than
2
2
2
)
(
OUT
OVERSHOOT
OUT
STEP
OUT
V
V
V
L
I
C
−
∆
+
∆
≅
where:
∆VOVERSHOOT is the maximum allowed overshoot.
Select the largest output capacitance given by either of the
previous two equations.
VIN
VIN
AGND
2
Ω TO 10Ω
1µF
ADP1853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com