Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1853ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1853ACPZ-R7
Description  Synchronous, Step-Down DC-to-DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1853ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1853ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1853ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP1853
Data Sheet
Rev. 0 | Page 12 of 28
THEORY OF OPERATION
The ADP1853 is a fixed frequency, step-down, synchronous
switching controller with integrated drivers and bootstrapping
for external N-channel power MOSFETs. The current mode
control loop can also be configured into the voltage mode. The
controller can be set to operate in pulse skip mode for power
saving at a light load or in forced PWM. The ADP1853 includes
programmable soft start, output overvoltage protection, pro-
grammable current limit, power good, and tracking functions.
The controller can operate at a switching frequency between
200 kHz and 1.5 MHz that is programmed with a resistor or
synchronized to an external clock. It also has the internal clock
out signal that can be used to synchronize other devices.
CONTROL ARCHITECTURE
The ADP1853 is based on a fixed frequency, emulated peak
current mode, PWM control architecture. The inductor current
is sensed by the voltage drop measured across the external low-
side MOSFET, RDSON, or across the sense resistor placed in series
between the low-side MOSFET source and the power ground.
The current is sensed during the off period of the switching
cycle and is conditioned with the internal current sense
amplifier. The gain of the current sense amplifier is pro-
grammable to 3 V/V, 6 V/V, or 12 V/V during the controller
power-up initialization before the device starts switching. A
47 kΩ resistor between DL and PGND programs the gain of
3 V/V; a 22 kΩ resistor sets a gain of 6 V/V. Without a resistor,
the gain is programmed to 12 V/V. The output signal of the
current sense amplifier is held, added to the emulated current
ramp in the next switching cycle during the DH on time, and
fed into the PWM comparator, as shown in Figure 16. This
signal is compared with the COMP signal from the error
amplifier and resets the flip-flop, which generates the PWM
pulse. If voltage mode control is selected by placing a 100 kΩ
resistor between DL and PGND, the emulated ramp is fed to the
PWM comparator without adding the current sense signal.
Figure 16. Simplified Control Architecture
As shown in Figure 16, the emulated current ramp is generated
inside the IC, but offers programmability through the RAMP
pin. Selecting an appropriate value resistor between VIN to the
RAMP pin programs a desired slope compensation value, and at
the same time, provides a VIN feed forward feature. Control
logic enforces antishoot-through operation to limit cross
conduction of the internal drivers and external MOSFETs.
OSCILLATOR FREQUENCY
The internal oscillator frequency, which ranges from 200 kHz
to 1.5 MHz, is set by an external resistor, RFREQ, at the FREQ
pin. Some popular fOSC values are shown in Table 4, and a
graphical relationship is shown in Figure 17. For instance, a 78.7
kΩ resistor sets the oscillator frequency to 800 kHz.
Furthermore, connecting FREQ to AGND or FREQ to VCCO
sets the oscillator frequency to 300 kHz or 600 kHz,
respectively. For other frequencies that are not listed in Table 4,
the values of RFREQ
and fOSC can be obtained from Figure 17, or use the following
empirical formula to calculate these values:
065
.
1
)
kHz
(
568
,
96
)
kΩ
(
−
×
=
OSC
FREQ
f
R
Table 4. Setting the Oscillator Frequency
R
FREQ
f
OSC (Typical)
332 kΩ
200 kHz
78.7 kΩ
800 kHz
60.4 kΩ
1000 kHz
51 kΩ
1200 kHz
40.2 kΩ
1500 kHz
FREQ to AGND
300 kHz
FREQ to VCCO
600 kHz
Figure 17. RFREQ vs. fOSC
FF
OSC
Q
Q
R
S
ACS
VCS
VIN
VIN
AR
IRAMP
RRAMP
CR
FROM
ERROR AMP
TO
DRIVERS
CS
PGND
410
360
310
260
210
160
110
60
10
100
400
700
1000
1300
1600
1900
fOSC (kHz)
RFREQ (kΩ) = 96,568 fOSC (kHz)–1.065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com