Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R47M Datasheet(PDF) 28 Page - Analog Devices

Part # FDVE0630-R47M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R47M Datasheet(HTML) 28 Page - Analog Devices

Back Button FDVE0630-R47M Datasheet HTML 20Page - Analog Devices FDVE0630-R47M Datasheet HTML 21Page - Analog Devices FDVE0630-R47M Datasheet HTML 22Page - Analog Devices FDVE0630-R47M Datasheet HTML 23Page - Analog Devices FDVE0630-R47M Datasheet HTML 24Page - Analog Devices FDVE0630-R47M Datasheet HTML 25Page - Analog Devices FDVE0630-R47M Datasheet HTML 26Page - Analog Devices FDVE0630-R47M Datasheet HTML 27Page - Analog Devices FDVE0630-R47M Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 28 of 28
OUTLINE DIMENSIONS
Figure 42. 16-Lead Thin Shrink Small Outline With Exposed Pad [TSSOP_EP]
(RE-16-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Packing
ADP2381AREZ-R7
−40°C to +125°C
16-Lead TSSOP_EP
RE-16-4
Reel
ADP2381AREZ
−40°C to +125°C
16-Lead TSSOP_EP
RE-16-4
Tube
ADP2381-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MO-153-ABT
16
9
8
1
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
BOTTOM VIEW
TOP VIEW
9
16
1
8
PIN 1
INDICATOR
4.50
4.40
4.30
5.10
5.00
4.90
3.40
2.68
2.46
1.75
EXPOSED
PAD
1.10 MAX
SEATING
PLANE
0.15 MAX
0.05 MIN
COPLANARITY
0.076
0.95
0.90
0.85
0.30
0.19
0.65 BSC
0.20
0.09
0.25
8°
0°
0.70
0.60
0.50
6.40 BSC
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10209-0-3/12(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com