Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R47M Datasheet(PDF) 12 Page - Analog Devices

Part # FDVE0630-R47M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R47M Datasheet(HTML) 12 Page - Analog Devices

Back Button FDVE0630-R47M Datasheet HTML 8Page - Analog Devices FDVE0630-R47M Datasheet HTML 9Page - Analog Devices FDVE0630-R47M Datasheet HTML 10Page - Analog Devices FDVE0630-R47M Datasheet HTML 11Page - Analog Devices FDVE0630-R47M Datasheet HTML 12Page - Analog Devices FDVE0630-R47M Datasheet HTML 13Page - Analog Devices FDVE0630-R47M Datasheet HTML 14Page - Analog Devices FDVE0630-R47M Datasheet HTML 15Page - Analog Devices FDVE0630-R47M Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 12 of 28
FUNCTIONAL BLOCK DIAGRAM
Figure 30. Functional Block Diagram
ADP2381
OSCILLATOR
RT
SYNC
UVLO
CLK
SLOPE RAMP
CONTROL
LOGIC
AND MOSFET
DRIVER WITH
ANTICROSS
PROTECTION
PGOOD
GND
UVLO
SLOPE RAMP
LD
PGND
+
–
+
0.6V
ISS
EN/SS
FB
AMP
COMP
0.7V
0.54V
1.2V
OVP
CLK
+
–
+
–
+
–
Σ
IMAX
HICCUP
MODE
CMP
OCP
+
–
+
–
SW
NFET
BST
DRIVER
VREG
DRIVER
BOOST
REGULATOR
DEGLITCH
BIAS AND DRIVER
REGULATOR
+
–
ACS
PVIN
VREG
320kΩ
125kΩ
PVIN
NEGATIVE
CURRENT LIMIT
CMP
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com