Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R47M Datasheet(PDF) 9 Page - Analog Devices

Part # FDVE0630-R47M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R47M Datasheet(HTML) 9 Page - Analog Devices

Back Button FDVE0630-R47M Datasheet HTML 5Page - Analog Devices FDVE0630-R47M Datasheet HTML 6Page - Analog Devices FDVE0630-R47M Datasheet HTML 7Page - Analog Devices FDVE0630-R47M Datasheet HTML 8Page - Analog Devices FDVE0630-R47M Datasheet HTML 9Page - Analog Devices FDVE0630-R47M Datasheet HTML 10Page - Analog Devices FDVE0630-R47M Datasheet HTML 11Page - Analog Devices FDVE0630-R47M Datasheet HTML 12Page - Analog Devices FDVE0630-R47M Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADP2381
Rev. 0 | Page 9 of 28
Figure 16. MOSFET RDSON vs. Temperature
Figure 17. Low-Side Driver Rising Edge Waveform, CDL = 2.2 nF
Figure 18. Working Mode Waveform
Figure 19. Current-Limit Threshold vs. Temperature
Figure 20. Low-Side Driver Falling Edge Waveform, CDL = 2.2 nF
Figure 21. Soft Start with Full Load
70
60
20
30
40
50
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
CH2 5.00V
CH1 5.00V
M20.0ns
A CH2
3.70V
1
2
T 46.60%
SW
LD
CH2 10V
CH4 2A Ω
CH1 10mV
B
W
M2.00µs
A CH2
6.00V
4
2
1
T 50.00%
VOUT (AC)
IL
SW
11.0
10.5
10.0
8.0
8.5
9.0
9.5
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
CH2 5.00V
CH1 5.00V
M20.0ns
A CH2
3.70V
1
2
T 43.80%
SW
LD
CH2 5.00V
CH4 5.00A Ω
CH1 2.00V
CH3 5.00V
M2.00ms
A CH2
5.80V
1
3
2
4
T 50.00%
EN/SS
PGOOD
VOUT
IOUT
B
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com