Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R47M Datasheet(PDF) 24 Page - Analog Devices

Part # FDVE0630-R47M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R47M Datasheet(HTML) 24 Page - Analog Devices

Back Button FDVE0630-R47M Datasheet HTML 20Page - Analog Devices FDVE0630-R47M Datasheet HTML 21Page - Analog Devices FDVE0630-R47M Datasheet HTML 22Page - Analog Devices FDVE0630-R47M Datasheet HTML 23Page - Analog Devices FDVE0630-R47M Datasheet HTML 24Page - Analog Devices FDVE0630-R47M Datasheet HTML 25Page - Analog Devices FDVE0630-R47M Datasheet HTML 26Page - Analog Devices FDVE0630-R47M Datasheet HTML 27Page - Analog Devices FDVE0630-R47M Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 24 of 28
Table 12. Recommended External Components for Typical Applications with Compensation Network between COMP and FB, 6 A
Output Current
f
SW (kHz)
V
IN (V)
V
OUT (V)
L (µH)
C
OUT (µF)
1
R
TOP (kΩ)
R
BOT (kΩ)
R
C_EA (kΩ)
C
C_EA (pF)
C
CP_EA (pF)
250
12
1
2.2
680 + 470
10
15
270
750
39
12
1.2
2.2
680 + 2 × 100
10
10
200
820
39
12
1.5
3.3
680 + 2 × 100
15
10
287
680
22
12
1.8
3.3
680
20
10
316
680
22
12
2.5
4.7
470
47.5
15
470
470
10
12
3.3
4.7
3 × 100
10
2.21
71.5
1500
4.7
12
5
6.8
2 × 100
22
3
86.6
1200
2.2
5
1
1.5
680 + 2 × 100
10
15
191
750
39
5
1.2
2.2
680 + 2 × 100
10
10
200
820
39
5
1.5
2.2
680
15
10
240
680
22
5
1.8
2.2
470
20
10
220
680
22
5
2.5
3.3
3 × 100
47.5
15
187
390
2.2
5
3.3
2.2
3 × 100
10
2.21
71.5
1500
4.7
500
12
1.2
1
470
10
10
220
390
22
12
1.5
1.5
470
15
10
330
390
15
12
1.8
1.5
3 × 100
20
10
169
330
2.2
12
2.5
2.2
3 × 100
47.5
15
360
220
1
12
3.3
2.2
2 × 100
10
2.21
93.1
680
2.2
12
5
3.3
100
22
3
86.6
620
1.5
5
1
1
680
10
15
330
390
22
5
1.2
1
470
10
10
220
390
22
5
1.5
1
3 × 100
15
10
130
330
2.2
5
1.8
1
2 × 100
20
10
100
330
2.2
5
2.5
1.5
2 × 100
47.5
15
220
220
1
5
3.3
1
100 + 47
10
2.21
71.5
680
2.2
1000
12
1.8
1
2 × 100
20
10
232
160
1
12
2.5
1
100
47.5
15
240
100
1
12
3.3
1.5
100
10
2.21
93.1
390
1
12
5
1.5
100
22
3
169
330
1
5
1
0.47
3 × 100
10
15
178
180
2.2
5
1.2
0.47
2 × 100
10
10
120
220
2.2
5
1.5
0.68
2 × 100
15
10
178
180
1
5
1.8
0.68
100 + 47
20
10
169
160
1
5
2.5
0.68
100
47.5
15
240
100
1
5
3.3
0.68
100
10
2.21
93.1
390
1
1 680 μF: 4V, Sanyo 4TPF680M; 470 μF: 6.3 V, Sanyo 6TPF470M; 100 μF: 6.3 V, X5R, Murata GRM32ER60J107ME20; 47 μF: 6.3 V, X5R, Murata GRM32ER60J476ME20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com