Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R47M Datasheet(PDF) 22 Page - Analog Devices

Part # FDVE0630-R47M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R47M Datasheet(HTML) 22 Page - Analog Devices

Back Button FDVE0630-R47M Datasheet HTML 18Page - Analog Devices FDVE0630-R47M Datasheet HTML 19Page - Analog Devices FDVE0630-R47M Datasheet HTML 20Page - Analog Devices FDVE0630-R47M Datasheet HTML 21Page - Analog Devices FDVE0630-R47M Datasheet HTML 22Page - Analog Devices FDVE0630-R47M Datasheet HTML 23Page - Analog Devices FDVE0630-R47M Datasheet HTML 24Page - Analog Devices FDVE0630-R47M Datasheet HTML 25Page - Analog Devices FDVE0630-R47M Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 22 of 28
Figure 36. Schematic of Design Example
ADP2381
1
PVIN
PVIN
UVLO
PGOOD
RT
SYNC
EN/SS
COMP
BST
SW
SW
LD
VREG
PGND
GND
FB
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RTOP
10kΩ
1%
RBOT
2.21kΩ
1%
CSS
22nF
ROSC
100kΩ
CIN
10µF
25V
COUT1
100µF
6.3V
COUT2
47µF
6.3V
VOUT = 3.3V
CBST
0.1µF
CVREG
1µF
L1
2.2µH
VIN = 12V
CC_EA
820pF
CCP_EA
2.2pF
RC_EA
73.2kΩ
M1
FDS6298



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com