Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R47M Datasheet(PDF) 26 Page - Analog Devices

Part # FDVE0630-R47M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R47M Datasheet(HTML) 26 Page - Analog Devices

Back Button FDVE0630-R47M Datasheet HTML 20Page - Analog Devices FDVE0630-R47M Datasheet HTML 21Page - Analog Devices FDVE0630-R47M Datasheet HTML 22Page - Analog Devices FDVE0630-R47M Datasheet HTML 23Page - Analog Devices FDVE0630-R47M Datasheet HTML 24Page - Analog Devices FDVE0630-R47M Datasheet HTML 25Page - Analog Devices FDVE0630-R47M Datasheet HTML 26Page - Analog Devices FDVE0630-R47M Datasheet HTML 27Page - Analog Devices FDVE0630-R47M Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 26 of 28
Figure 38. Recommended PCB Layout
PVIN
PVIN
UVLO
PGOOD
RT
SYNC
EN/SS
COMP
BST
SW
SW
LD
VREG
PGND
GND
FB
SW
Pull Up
POWER GROUND PLANE
VOUT
PVIN
Input
Bulk Cap
Input
Bypass
Cap
ANALOG GROUND PLANE
ROSC
CSS
INDUCTOR
LOW-SIDE
MOSFET
Output
Capacitor
RBOT
RTOP
RC_EA
CCP_EA
CC_EA
CVREG
CBST
Bottom Layer
Trace
VIA
Copper Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com