Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R47M Datasheet(PDF) 7 Page - Analog Devices

Part # FDVE0630-R47M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R47M Datasheet(HTML) 7 Page - Analog Devices

Back Button FDVE0630-R47M Datasheet HTML 3Page - Analog Devices FDVE0630-R47M Datasheet HTML 4Page - Analog Devices FDVE0630-R47M Datasheet HTML 5Page - Analog Devices FDVE0630-R47M Datasheet HTML 6Page - Analog Devices FDVE0630-R47M Datasheet HTML 7Page - Analog Devices FDVE0630-R47M Datasheet HTML 8Page - Analog Devices FDVE0630-R47M Datasheet HTML 9Page - Analog Devices FDVE0630-R47M Datasheet HTML 10Page - Analog Devices FDVE0630-R47M Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADP2381
Rev. 0 | Page 7 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Operating conditions: TA = 25oC, VIN = 12 V, VOUT = 3.3 V, L = 2.2 µH, COUT = 2 × 100 µF, fSW = 500 kHz, unless otherwise noted.
Figure 4. Efficiency at VIN = 12 V, fSW = 500 kHz
Figure 5. Efficiency at VIN = 18 V, fSW = 500 kHz
Figure 6. Shutdown Current vs. VIN
Figure 7. Efficiency at VIN = 12 V, fSW = 250 kHz
Figure 8. Efficiency at VIN = 5 V, fSW = 500 kHz
Figure 9. Quiescent Current vs. VIN
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
INDUCTOR: FDVE1040-2R2M
MOSFET: FDS6298
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
INDUCTOR: FDVE1040-3R3M
MOSFET: FDS6298
90
100
110
120
130
140
150
160
4
6
8
10
12
14
16
18
20
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
INDUCTOR: FDVE1040-4R7M
MOSFET: FDS6298
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
INDUCTOR: 744 333 0100
MOSFET: FDS6298
1.80
2.00
2.20
2.40
2.60
2.80
3.00
3.20
4
6
8
10
12
14
16
18
20
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com