Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R47M Datasheet(PDF) 14 Page - Analog Devices

Part # FDVE0630-R47M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R47M Datasheet(HTML) 14 Page - Analog Devices

Back Button FDVE0630-R47M Datasheet HTML 10Page - Analog Devices FDVE0630-R47M Datasheet HTML 11Page - Analog Devices FDVE0630-R47M Datasheet HTML 12Page - Analog Devices FDVE0630-R47M Datasheet HTML 13Page - Analog Devices FDVE0630-R47M Datasheet HTML 14Page - Analog Devices FDVE0630-R47M Datasheet HTML 15Page - Analog Devices FDVE0630-R47M Datasheet HTML 16Page - Analog Devices FDVE0630-R47M Datasheet HTML 17Page - Analog Devices FDVE0630-R47M Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 14 of 28
If the output voltage is charged prior to turn-on, the ADP2381
prevents the low-side MOSFET from turning on, which
discharges the output voltage until the soft start voltage exceeds
the voltage on the FB pin.
When the regulator is disabled or a current fault happens, the
soft start capacitor is discharged, and the internal digital soft
start is reset to 0 V.
POWER GOOD
The power-good (PGOOD) pin is an active high, open-drain
output that requires a pull-up resistor. A logic high indicates
that the voltage at the FB pin (and, therefore, the output
voltage) is above 95% of the reference voltage and there is a
1024 cycle waiting period before PGOOD is pulled high. A logic
low indicates that the voltage at the FB pin is below 90% of the
reference voltage and there is a 16-cycle waiting period before
PGOOD is pulled low.
PEAK CURRENT LIMIT AND SHORT-CIRCUIT
PROTECTION
The ADP2381 has a peak current-limit protection circuit to
prevent current runaway. During soft start, the ADP2381 uses
frequency foldback to prevent output current runaway. The
switching frequency is reduced according to the voltage on the
FB pin, which allows more time for the inductor to discharge.
The correlation between the switching frequency and FB pin
voltage is shown in Table 5.
Table 5. Switching Frequency and FB Pin Voltage
FB Pin Voltage
Switching Frequency
V
FB ≥ 0.4 V
f
SW
0.4 V > V
FB ≥ 0.2 V
f
SW/2
V
FB < 0.2 V
f
SW/4
For heavy load protection, the ADP2381 uses hiccup mode for
overcurrent protection. When the inductor peak current reaches
the current-limit value, the high-side MOSFET turns off and
the low-side driver turns on until the next cycle, while the
overcurrent counter increments. If the overcurrent counter
reaches 10, or the FB pin voltage falls to ≤0.4 V after the soft
start, the regulator enters hiccup mode. The high-side MOSFET
and low-side MOSFET are both turned off. The regulator
remains in this mode for 4096 clock cycles and then attempts to
restart. If the current limit fault is cleared, the regulator resumes
normal operation. Otherwise, it reenters hiccup mode.
The ADP2381 also provides a sink current limit to prevent the
low-side MOSFET from sinking a lot of current from the load.
When the voltage across the low-side MOSFET exceeds the
sink current-limit threshold, which is typically 20 mV, the low-
side MOSFET turns off immediately for the rest of this cycle.
Both high-side and low-side MOSFETs turn off until the next
clock cycle.
In some cases, the input voltage (PVIN) ramp rate is too slow or
the output capacitor is too large to support the setting regulation
voltage during the soft start, causing the regulator to enter
hiccup mode. To avoid such cases, use a resistor divider at the
UVLO pin to program the UVLO input voltage, or use a longer
soft start time.
OVERVOLTAGE PROTECTION (OVP)
The ADP2381 provides an overvoltage protection feature to
protect the system against an output shorting to a higher voltage
supply or a strong load transient occurring. If the feedback
voltage increases to 0.7 V, the internal high-side MOSFET and
low-side driver are turned off until the voltage at FB decreases to
0.63 V. At that time, the ADP2381 resumes normal operation.
UNDERVOLTAGE LOCKOUT (UVLO)
The UVLO pin enable threshold is 1.2 V with 100 mV
hysteresis.
The ADP2381 has an internal voltage divider consisting of two
resistors from PVIN to GND, 320 kΩ for the high-side resistor
and 125 kΩ for the low-side resistor. An external resistor divider
from PVIN to GND can be used to override the internal resistor
divider.
THERMAL SHUTDOWN
In the event that the ADP2381 junction temperatures rise above
150°C, the thermal shutdown circuit turns off the regulator.
Extreme junction temperatures can be the result of high current
operation, poor circuit board design, and/or high ambient
temperature. A 25°C hysteresis is included so that when thermal
shutdown occurs, the ADP2381 does not return to operation
until the on-chip temperature drops below 125°C. Upon
recovery, soft start is initiated prior to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com