Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33813 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33813
Figure 15. Typical Electrical Specifications (continued)
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
4.4
4.6
4.8
5
5.2
5.4
5.6
0mA
50mA
100mA
Vpwr  (V)
V
p
ro
t 
(V
)
Vprot vs Vpwr  @ 25 deg C
Iload
4
4.2
4.4
4.6
4.8
5
5.2
44.555.5
6
50mA
100mA
200mA
Vcc vs Vpwr  @ 25 deg C
0.15
0.17
0.19
0.21
0.23
0.25
0.27
4
6
8
10
12
14
Inj Driver Rdson vs Vpwr  25 deg C
Vpwr  (V)
R
d
so
n
 (
o
h
m
s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com