Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33813 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
6
33813
6
O2HSENSP
Input
O2 Heater Current
Sense Input Positive
Positive input to the O2 heater current sense differential amplifier
Used to measure current in of O2 heater driver MOSFET source resistor, if
used.
7
VRSOUT
Output
VRS Conditioned
Output
5.0 V Logic Level Output from conditioned VRS differential inputs VRSP,
VRSN
8
VRSP
Input
Variable Reluctance
Sensor Positive Input
The VRSP and VRSN form a differential input for the Variable Reluctance
Sensor attached to the crankshaft toothed wheel.
9
VRSN
Input
Variable Reluctance
Sensor Negative
Input
The VRSP and VRSN form a differential input for the Variable Reluctance
Sensor attached to the crankshaft toothed wheel.
10
CSB
Input
SPI Chip Select
The Chip Select input pin is an active low signal sent by the MCU to indicate
that the device is being addressed.
11
VPWR
Supply Input Main Voltage Supply
Input
VPWR is the main voltage supply input for the device. Connected to a 12 Volt
battery (Should have reverse battery protection and adequate transient
protection.)
12
SCLK
Input
SPI Clock Input
The SCLK input pin is used to clock in and out the serial data on the SI and
SO pins while being addressed by the CSB.
13
SI
Input
SPI Data Input
The SI input pin is used to receive serial data into the device from the MCU.
14
VPPREF
Output
VPP Reference Base
Drive
Base drive for external PNP pass transistor
15
GND
Ground
Ground
Ground pin, return for all voltage supplies
16
SO
Output
SPI Data Output
The SO output pin is used to transmit serial data from the device to the MCU.
17
VCC
Supply
VCC Supply
Protected Output
5.0 Volt supply output for MCU VCC. This output supplies the VCC voltage
for 5.0 Volt MCUs. It is short-circuit and over-current protected.
18
VPPSENS
Input
Voltage Sense from
VPP
Feedback to internal VPP 6.5 Volt regulator from external pass transistor
19
RESETB
Output
RESETB Output to
MCU
5.0 V Logic level reset signal used to reset the MCU during under and over-
voltage conditions and for initial power-up, down and watchdog timeouts
20
VPROT
Output
Sensor Supply
Protected Output
The VPROT Output is a protected 5.0 Volt output that tracks the VCC voltage
but isolates the VCC output against shorts to ground and to battery. It is
intended to supply sensors which are located off of the ECU board.
21
LAMPOUT
Output
Warning Lamp Output Low side driver output for MIL (warning lamp) driven by SPI input command
22
RGND2
Ground
ROUT2 Power
Ground
Ground connection for ROUT 2 low side driver. Must be tied to VPWR
Ground.
23
ROUT2
Output
Relay Driver 2 Output Low side relay driver output # 2 driven by SPI input command or RIN2 logic
input
24
N.C.
No Connect
Unused pin
For future expansion
25
N.C.
No Connect
Unused pin
For future expansion
26
TACHOUT
Output
Tachometer output
This pin provides the low side drive for a tachometer gauge or alternatively as
a SPI controlled low side driver, or oscillator output.
27
MRX
Output
Low Side Driver
Output
Output 5.0 V logic level ISO9141 data to the MCU from the ISO9141 IN/OUT
pin
28
MTX
Input
ISO9141 MCU Data
Input
Input 5.0 V logic level ISO9141 data from the MCU to the ISO9141 IN/OUT
pin
Table 2. 33813 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 24.
Pin
Pin Name
Pin
Function
Formal Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com