Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33813 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33813
ALL LOW SIDE DRIVERS (CONTINUED)
Propagation Delay (Input Falling Edge OR CSB to Output Rising Edge)
• Input at 50%VDD to Output voltage 10% of VLOAD (INJ1, ROUT1, ROUT2,
LAMP)
tPLH
–
1.0
5.0
µs
Propagation Delay (Input Rising Edge OR CSB to Output Falling Edge)
• Input at 50%VDD to Output voltage 10% of VLOAD (TACHOMETER)
tPLH
–
1.0
6.0
µs
Output Slew Rate, Tachout
•RLOAD = 500 VLOAD = 14 V
tSR(FALL)
6.0
–
14
V/
s
ALL GATE PRE-DRIVER (IGN1 AND O2H)
Output OFF Open-circuit Fault Filter Timer
t(OFF)OC
100
–
400
µs
Over-current (short-circuit) Fault Filter Timer
tSC
30
–
90
µs
Propagation Delay (Input Rising Edge OR CSB to Output Rising Edge)
• Input at 50%VDD to Output voltage 10% of VGS(ON)
tPLH
–
1.0
5.0
µs
Propagation Delay (Input Falling Edge OR CSB to Output Falling Edge)
• Input at 50%VDD to Output voltage 90% of VGS(ON)
tPHL
–
1.0
5.0
µs
SPI DIGITAL INTERFACE TIMING (16)
Falling Edge of CSB to Rising Edge of SCLK
• Required Setup Time
tLEAD
100
–
–
ns
Falling Edge of SCLK to Rising Edge of CSB
• Required Setup Time
tLAG
50
–
–
ns
SI to Rising Edge of SCLK
• Required Setup Time
tSI(SU)
16
–
–
ns
Rising Edge of SCLK to SI
• Required Hold Time
tSI(HOLD)
20
–
–
ns
SI, CSB, SCLK Signal Rise Time (17)
tR(SI)
–
5.0
–
ns
SI, CSB, SCLK Signal Fall Time (17)
tF(SI)
–
5.0
–
ns
Time from Falling Edge of CSB Low-impedance (18)
tSO(EN)
–
–
55
ns
Time from Rising Edge off CSB to SO High-impedance (19)
tSO(DIS)
–
–
55
ns
Time from Falling Edge of SCLK to SO Data Valid (20)
tVALID
–
25
55
ns
Sequential Transfer Rate
• Time required between data transfers
tSTR
–
–
1.0
µs
Notes
16.
These parameters are guaranteed by design. Production test equipment uses 1.0 MHz, 5.0 V SPI interface.
17.
Rise and Fall time of incoming SI, CSB, and SCLK signals suggested for design consideration to prevent occurrence of double pulsing.
18.
Time required for valid output status data to be available on SO pin.
19.
Time required for output states data to be terminated at SO pin.
20.
Time required to obtain valid data out from SO following the fall of SCLK with 200 pF load.
Table 5. Dynamic Electrical Characteristics (15)
Characteristics noted under conditions of 6.0 V
 VPWR  18 V, -40 C  TC  125 C, and Calibrated Timers, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com