Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33813 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
24
33813
5
General IC Functional Description and Application
Information
5.1
Functional Pin Description
5.1.1
VPWR Supply Input
The VPWR pin is the battery input to the 33813 IC. The VPWR pin requires external reverse battery and adequate transient
voltage protection. All IC analog current and internal logic current is provided from the VPWR pin.
An over-voltage comparator monitors this pin and when an over-voltage condition is present all outputs and voltage regulators
are shut off for protection.
The VPWR pin should be bypassed to ground, as close to the IC as possible, with a 0.1 µF ceramic capacitor.
5.1.2
VPPREF Output
The VPPREF output pin is used to drive the base of an external regulator PNP pass transistor. The output of this VPP regulator
supplies the input voltage to the two internal 5.0 Volt regulators. The VPP regulator is a low drop-out (LDO) regulator that provides
a regulated output voltage when the input is greater than its specified voltage level, and follows the input voltage when it is below
its specified voltage level. It is not recommended that this voltage be brought off of the module PC board, because it may not
have adequate protection to prevent damage to the PNP pass transistor under short-to-ground or short-to-battery conditions.
5.1.3
VPPSENS Input
The VPPSENS pin is used to monitor the VPP pre-regulator output voltage from the external pass transistor’s collector, and to
supply the input voltage to the VCC and VPROT regulators.
The VPPSENS pin should be bypassed to ground, as close to the IC as possible, with a 0.1 µF ceramic capacitor and a higher
value electrolytic capacitor in parallel.
5.1.4
VCC Output (5.0 V Supply)
The VCC regulator obtains its input voltage from the VPP pre-regulator. The VCC output supplies 5.0 V power to the system
MCU and other on-board peripherals.
A Power On Reset (POR) circuit monitors the VCC output voltage level. When the VCC voltage exceeds the VCC(POR) threshold,
the RESETB line is held low for an additional delay time, t(POR), and then brought to a logic one level.
An under-voltage (UV) circuit monitors the output of the VCC regulator and when the voltage goes below the VCC(UV) threshold
for more than the VCC filter time, t(VCC-UV), the RESETB line is asserted to a logic zero state and remains there until the POR
condition is met.
5.1.5
VPROT Output (5.0 V Protected Supply)
The VPROT regulator obtains its input voltage from the VPP pre-regulator and its reference voltage from the VCC output. VPROT
tracks VCC and is protected against shorts to ground, shorts to battery, over-current and over-temperature. The VPROT output
supplies 5.0 V power to any external sensors and other off-board peripherals. The VPROT regulator on/off state can be controlled
via a bit in the SPI Control Registers. The VPROT output should be protected against ESD by means of a 0.1 µF ceramic
capacitor on the output and a higher value electrolytic capacitor in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com