Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33813 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33813
ELECTRICAL RATINGS (CONTINUED)
VRS Sensor Input Current Range
• Maximum current into VRSN pin or VRSP pin and IC Ground
IVRS_IN
-15
+15
mA
THERMAL RATINGS
Operating Temperature (Automotive grade version)
• Ambient
• Junction
•Case
TA
TJ
TC
-40
-40
-40
125
150
125
C
Storage Temperature
TSTG
-55
150
C
Power Dissipation (TA  25 C)
PD
–
3.0
W
Peak Package Reflow Temperature During Reflow(4), (5)
TPPRT
–
Note 5
°C
THERMAL RESISTANCE AND PACKAGE DISSIPATION RATINGS
Thermal Resistance
• Junction-to-Ambient (LQFP-48-EP Package) (Single Layer Board)
• Junction-to-Case (LQFP-48-EP Package)
RJA
RJC
29
2.4
29
2.4
C/W
Notes
2.
ESD data available upon request. (Items in red are not associated with any parameter)
3.
ESD1 testing is performed in accordance with the Human Body Model (AEC-Q100-002) and the Machine Model (AEC-Q100-003).
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 3. MAXIMUM RATINGS
All voltages are with respect to ground, unless mentioned otherwise. Exceeding these ratings may cause malfunction or
permanent device damage.
Parameter
Symbol
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com