Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33813 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33813
Table 21 defines the commands and default state of the internal registers at POR. SPI commands may be sent to the device at
any time while the device is in the Normal state.
Messages sent are acted upon on the rising edge of the CSB input.
Bit value returned equals bit value sent for this command
5.3.10 SPI Commands
There are seven SPI commands that can be issued by the MCU to:
• Do a SPI Check verification
• Read the contents of the SPI configuration registers
• Write the contents of the SPI configuration registers
• Read the contents of the SPI status registers
• Write the contents of the SPI status registers
• Read the contents of the SPI control registers
• Write the contents of the SPI control registers
5.3.10.1 SPI Registers
The SPI interface consists of a block of four 8-bit read/write registers.
There are three types of SPI registers:
• Configuration Registers - These registers allow the MCU to configure the various parameters and options for the various
functional blocks.
• Control Registers - These registers are used to command the outputs on and off and set the PWM duty cycle values.
• Status Registers - These registers report back faults and other conditions of the various functional blocks.
The following acronyms are use in the SPI table:
• OC = over-current, could be short to battery (SB)
• OV = over-voltage
• OT = over-temperature
• OL = open load
• SG = short to ground
• PWM = pulse width modulation
Table 21. SPI Command Messages
Command
Control Address Bits
Data Bits
hex
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SPI Check
0
0
0
0
0
X*
X*
X*
X*
X*
X*
X*
X*
X*
X*
X*
X*
Read Configuration
Register
1
0
0
0
1
<0000>
Internal Register Address
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
Write Configuration
Register
2
0
0
1
0
<0000>
Internal Register Address
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
Read Status
Register
3
0
0
1
1
<0000>
Internal Register Address
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
Write Status
Register
4
0
1
0
0
<0000>
Internal Register Address
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
Read Control
Register
5
0
1
0
1
<0000>
Internal Register Address
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
Write Control
Register
6
0
1
1
0
<0000>
Internal Register Address
0/1
0/1
0/1
0/1
0/1
0/1
0/1
0/1
SPI Check
Response
7
0
1
1
1
X*
X*
X*
X*
X*
X*
X*
X*
X*
X*
X*
X*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com