Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33813 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
8
33813
4
Electrical Characteristics
4.1
Maximum Ratings
Table 3. MAXIMUM RATINGS
All voltages are with respect to ground, unless mentioned otherwise. Exceeding these ratings may cause malfunction or
permanent device damage.
Parameter
Symbol
Min.
Max.
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage
VPWR
-0.3
45
VDC
VPP Supply Voltage (If supplied externally and not using internal VPP regulator)
VPP_EXT
-0.3
10.0
VDC
VPROT Regulator
VPROT
-0.3
VPWR
VDC
SPI Interface and Logic Input Voltage (VSI, VSCLK, VCSB, VRIN1, VRIN2, VINJIN1,
VIGNIN1, VO2HIN, VMTX)
VIL, VIH
-0.3
VCC
VDC
SPI Interface and Logic Output Voltage (VSO, VBATSW, VMRX,VVRSOUT)
VIL, VIH
-0.3
VCC
VDC
All Low Side Drivers Drain Voltage (VINJOUT1, VROUT1, VROUT2, VLAMPOUT,
VTACHOUT)
VOUTX
-0.3
VCLAMP
VDC
All Pre-drivers Output Voltage (VIGNOUT1, VO2HOUT)
VGDX
-0.3
10
VDC
All Pre-driver Feedback Inputs Voltage (VIGNFB1, VO2HFB)
VGDFB
-1.5
60
VDC
All Pre-driver Current Sense Inputs Voltage
(VIGNSENSN, VIGNSENSP, VO2HSENSN,VO2HSENSP)
VISENS
-0.3
1.0
VDC
KEYSW Input Voltage (VKEYSW)
VKEYSW
-18
VPWR
VDC
RESETB Output Voltage (VRESETB)
VRESETB
-0.3
VCC
VDC
ISO9141 Input/Output Voltage (VISO9141)
VISO9141
-18
VPWR
VDC
Output Continuous Current (INJOUT1)
•TJUNCTION = 150 °C
IOC_INJX
–
1.3
A
Output Continuous Current (ROUT1)
•TJUNCTION = 150 °C
IOC_R1
–
2.0
A
Output Continuous Current (ROUT2)
•TJUNCTION = 150 °C
IOC_R2
–
1.0
A
Output Continuous Current (LAMPOUT)
•TJUNCTION = 150 °C
IOC_LAMP
–
1.0
A
Output Continuous Current (TACHOUT)
•TJUNCTION = 150 °C
IOC_TACH
–
50
mA
Maximum Voltage for VRSN and VRSP inputs to ground
VVRS_IN
-0.5
6.0
VDC
Maximum Current for VRSN and VRSP inputs (internal diodes limit voltage)
IVRSX_IN
–
15
mA
Output Clamp Energy (INJOUT1, ROUT1)(Single Pulse)
•TJUNCTION = 150 °C, IOUT = 1.0 A
ECLAMP
TBD
100
mJ
Output Clamp Energy (INJOUT1)(Continuous Pulse)
•TJUNCTION = 125 °C, IOUT = 1.0 A, TBD kHz (Max Injector frequency is 70 Hz)
ECLAMP
TBD
TBD
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com