Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33813 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33813
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33813 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33813 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33813 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
36
33813
5.3
Functional Device Operation
5.3.1
Power Supply
The 33813 is designed to operate from VPWRMIN to VPWRMAX on the VPWR pin. The VPWR pin supplies power to all internal
regulators, and analog and logic circuit blocks.
5.3.1.1
VPP Pre-regulator
The VPP pre-regulator supplies the input voltage to the VCC and VPROT regulators. It uses an external PNP transistor as a pass
element. This allows the user to choose the PNP’s size and package considerations to meet the system requirements. The
amount of power that the external PNP transistor will have to dissipate depends on the maximum voltage the system can be
expected to run at and the maximum expected current drawn from the VCC and VPROT regulators. The VPPSENS pin is used to
feedback the value of the VPP voltage for regulation. Since the VPP regulator is not intended to supply off-the-board loads, there
is no short to ground or short to battery protection on the output of the external PNP.
5.3.1.2
VCC Regulator
The VCC regulator output is used for supplying 5.0 Volts to the MCU, and for setting communication threshold levels via the
internal SPI SO driver. The VCC regulator contains an internal pass transistor which is protected against over-current.
5.3.1.3
VPROT Regulator
The protected output VPROT is a tracking regulator uses the VCC output as a reference. Since it is expected that the VPROT
regulator will supply 5.0 Volts to external sensors in the vehicle, it is well protected against shorts to battery, shorts to ground and
over-current. The VPROT supply is enabled at power-on but can be disabled via the SPI control register.
5.3.2
Power ON Reset (POR)
Applying VPWR and bringing KEYSW high (VBAT) will generate a Power On Reset (POR) and place the device in the Normal
operating state. The Power On Reset circuit incorporates a timer to prevent high frequency transients from causing an erroneous
POR.
Upon enabling the device (KEYSW High), outputs will be activated based on the initial state of the control register or parallel
input. All three supplies, VPP, VCC, and VPROT, are enabled when KEYSW is brought high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com