Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 3 Page - Texas Instruments

  INA129MDREP Datasheet HTML 1Page - Texas Instruments INA129MDREP Datasheet HTML 2Page - Texas Instruments INA129MDREP Datasheet HTML 3Page - Texas Instruments INA129MDREP Datasheet HTML 4Page - Texas Instruments INA129MDREP Datasheet HTML 5Page - Texas Instruments INA129MDREP Datasheet HTML 6Page - Texas Instruments INA129MDREP Datasheet HTML 7Page - Texas Instruments INA129MDREP Datasheet HTML 8Page - Texas Instruments INA129MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
INA129-EP
www.ti.com
SBOS508 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS
At TA = 25°C, VS = ±15 V, RL = 10 kΩ (unless otherwise noted)
Boldface limits apply over the specified temperature range, TA = –55°C to 125°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Offset Voltage, RTI
TA = 25°C
±100 ±800/G
Initial
µV
Over temperature
±150 ±2050/G
TA = 25°C, VS = ±2.25 V to ±18 V
±1.6 ±175/G
vs power supply
µV/V
Over temperature
±1.8 ±175/G
Long-term stability
±1 ±3/G
µV/mo
Impedance, differential
1010 || 2
Ω || pF
Common mode
1011||9
Ω || pF
Common mode voltage range(1)
VO = 0 V
(V+)
− 2
(V+)
− 1.4
V
(V
−) + 2
(V
−) + 1.7
V
Safe input voltage
±40
V
G = 1
75
86
Over temperature
67
G = 10
93
106
Over temperature
84
VCM = ±13 V,
Common-mode rejection
dB
ΔRS = 1 kΩ
G = 100
113
125
Over temperature
98
G = 1000
113
130
Over temperature
98
CURRENT
±2
±8
Bias current
nA
Over temperature
±16
±1
±8
Offset Current
nA
Over temperature
±16
NOISE
f = 10 Hz
10
f = 100 Hz
8
nV/
√Hz
G = 1000,
Noise voltage, RTI
RS = 0 Ω
f = 1 kHz
8
fB = 0.1 Hz to 10 Hz
0.2
µVpp
f = 10 Hz
0.9
pA/
√Hz
G = 1000,
Noise current
f = 1 kHz
0.3
RS = 0 Ω
fB = 0.1 Hz to 10 Hz
30
pAPP
GAIN
1 +
Gain equation
V/V
(49.4 k
Ω/RG)
Range of gain
1
10000
V/V
G = 1
±0.05
±0.1
Over temperature
±0.15
G = 10
±0.02
±0.5
Gain error
Over temperature
±0.65
%
G = 100
±0.05
±0.65
Over temperature
±1.1
G = 1000
±0.5
±2
(1)
Input common-mode range varies with output voltage — see typical curves.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com