Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129MDREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA129MDREP
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129MDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA129MDREP Datasheet HTML 10Page - Texas Instruments INA129MDREP Datasheet HTML 11Page - Texas Instruments INA129MDREP Datasheet HTML 12Page - Texas Instruments INA129MDREP Datasheet HTML 13Page - Texas Instruments INA129MDREP Datasheet HTML 14Page - Texas Instruments INA129MDREP Datasheet HTML 15Page - Texas Instruments INA129MDREP Datasheet HTML 16Page - Texas Instruments INA129MDREP Datasheet HTML 17Page - Texas Instruments INA129MDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
REF102
R
2
R
1
Pt100
Cu
Cu
V+
K
6
10.0V
4
2
INA129
V
O
Ref
R
R3
G
100Ω = Pt100 at 0°C
ISA
TYPE
MATERIAL
SEEBECK
COEFFICIENT
( V/°C)
m
R , R
1
2
E
J
K
T
+Chromel
-Constantan
+Iron
-Constantan
+Chromel
-Alumel
+Copper
-Constantan
58.5
50.2
39.4
38
66.5k
76.8k
97.6k
102k
W
W
W
W
INA129
R
G
I
B
R
V
1
IN
+
A
1
I
O
Load
Ref
I
O
V
IN
R
1
· G
A
I
1
B ERROR
OPA177
± 1.5 nA
OPA131
± 50 pA
OPA602
± 1 pA
OPA128
± 75 fA
-
=
INA129-EP
SBOS508 – DECEMBER 2009
www.ti.com
Figure 28. Thermocouple Amplifier With RTD Cold-Junction Compensation
Figure 29. Differential Voltage to Current Converter
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): INA129-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com